Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5142BRUZ10 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD5142BRUZ10
Description  The AD5122/AD5142 potentiometers provides a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of 짹8% and up to 짹6 mA current density in the Ax, Bx, and Wx pins.
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5142BRUZ10 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD5142BRUZ10 Datasheet HTML 7Page - Analog Devices AD5142BRUZ10 Datasheet HTML 8Page - Analog Devices AD5142BRUZ10 Datasheet HTML 9Page - Analog Devices AD5142BRUZ10 Datasheet HTML 10Page - Analog Devices AD5142BRUZ10 Datasheet HTML 11Page - Analog Devices AD5142BRUZ10 Datasheet HTML 12Page - Analog Devices AD5142BRUZ10 Datasheet HTML 13Page - Analog Devices AD5142BRUZ10 Datasheet HTML 14Page - Analog Devices AD5142BRUZ10 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
AD5122/AD5142
Rev. 0 | Page 11 of 32
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 6.
Parameter
Rating
V
DD to GND
−0.3 V to +7.0 V
V
SS to GND
+0.3 V to −7.0 V
V
DD to VSS
7 V
V
LOGIC to GND
−0.3 V to V
DD + 0.3 V or
+7.0 V (whichever is less)
V
A, VW, VB to GND
V
SS − 0.3 V, VDD + 0.3 V or
+7.0 V (whichever is less)
I
A, IW, IB
Pulsed1
Frequency > 10 kHz
R
AW = 10 kΩ
±6 mA/d2
R
AW = 100 kΩ
±1.5 mA/d2
Frequency ≤ 10 kHz
R
AW = 10 kΩ
±6 mA/√d2
R
AW = 100 kΩ
±1.5 mA/√d2
Digital Inputs
−0.3 V to V
LOGIC + 0.3 V or
+7 V (whichever is less)
Operating Temperature Range, T
A
3
−40°C to +125°C
Maximum Junction Temperature,
T
J Maximum
150°C
Storage Temperature Range
−65°C to +150°C
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
20 sec to 40 sec
Package Power Dissipation
(T
J max − TA)/θJA
ESD4
4 kV
FICDM
1.5 kV
1 Maximum terminal current is bounded by the maximum current handling of
the switches, maximum power dissipation of the package, and maximum
applied voltage across any two of the A, B, and W terminals at a given
resistance.
2 d = pulse duty factor.
3 Includes programming of EEPROM memory.
4 Human body model (HBM) classification.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is defined by the JEDEC JESD51 standard, and the value is
dependent on the test board and test environment.
Table 7. Thermal Resistance
Package Type
θ
JA
θ
JC
Unit
16-Lead LFCSP
89.51
3
°C/W
16-Lead TSSOP
150.41
27.6
°C/W
1 JEDEC 2S2P test board, still air (0 m/sec airflow).
ESD CAUTION


Numéro de pièce similaire - AD5142BRUZ10

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5142BRUZ10 AD-AD5142BRUZ10 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5142BRUZ10-RL7 AD-AD5142BRUZ10-RL7 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5142BRUZ100 AD-AD5142BRUZ100 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5142BRUZ100-RL7 AD-AD5142BRUZ100-RL7 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
More results

Description similaire - AD5142BRUZ10

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5124 AD-AD5124 Datasheet
784Kb / 36P
   The AD5124/AD5144/AD5144A potentiometers provide a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of 짹8% and up to 짹6 mA current density in the Ax, Bx, and Wx pins.
REV. A
AD5111 AD-AD5111 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5110 AD-AD5110 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5116 AD-AD5116 Datasheet
455Kb / 16P
   Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5200BRM10 AD-AD5200BRM10 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201 AD-AD5201 Datasheet
749Kb / 16P
   256-Position and 33-Position Digital Potentiometers
REV. B
AD5200 AD-AD5200_15 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com