Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5124BRUZ10 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD5124BRUZ10
Description  The AD5124/AD5144/AD5144A potentiometers provide a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of 짹8% and up to 짹6 mA current density in the Ax, Bx, and Wx pins.
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5124BRUZ10 Fiches technique(HTML) 3 Page - Analog Devices

  AD5124BRUZ10 Datasheet HTML 1Page - Analog Devices AD5124BRUZ10 Datasheet HTML 2Page - Analog Devices AD5124BRUZ10 Datasheet HTML 3Page - Analog Devices AD5124BRUZ10 Datasheet HTML 4Page - Analog Devices AD5124BRUZ10 Datasheet HTML 5Page - Analog Devices AD5124BRUZ10 Datasheet HTML 6Page - Analog Devices AD5124BRUZ10 Datasheet HTML 7Page - Analog Devices AD5124BRUZ10 Datasheet HTML 8Page - Analog Devices AD5124BRUZ10 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Data Sheet
AD5124/AD5144/AD5144A
Rev. A | Page 3 of 36
FUNCTIONAL BLOCK DIAGRAMS—TSSOP
VDD
VSS
GND
VLOGIC
7/8
SPI
SERIAL
INTERFACE
SDO
SCLK
SDI
POWER-ON
RESET
SYNC
RDAC 1
INPUT
REGISTER 1
RDAC 2
INPUT
REGISTER 2
RDAC 3
INPUT
REGISTER 3
RDAC 4
INPUT
REGISTER 4
EEPROM
MEMORY
A1
W1
B1
A2
W2
B2
A3
W3
B3
A4
W4
B4
AD5124/AD5144
Figure 2. AD5124/AD5144 20-Lead TSSOP
VDD
VSS
GND
VLOGIC
8
I2C
SERIAL
INTERFACE
ADDR
SCL
SDA
POWER-ON
RESET
RESET
RDAC 1
INPUT
REGISTER 1
RDAC 2
INPUT
REGISTER 2
RDAC 3
INPUT
REGISTER 3
RDAC 4
INPUT
REGISTER 4
EEPROM
MEMORY
A1
W1
B1
A2
W2
B2
A3
W3
B3
A4
W4
B4
AD5144A
Figure 3. AD5144A 20-Lead TSSOP


Numéro de pièce similaire - AD5124BRUZ10

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5124BRUZ10 AD-AD5124BRUZ10 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5124BRUZ10-RL7 AD-AD5124BRUZ10-RL7 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5124BRUZ100 AD-AD5124BRUZ100 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5124BRUZ100-RL7 AD-AD5124BRUZ100-RL7 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
More results

Description similaire - AD5124BRUZ10

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5122 AD-AD5122 Datasheet
649Kb / 32P
   The AD5122/AD5142 potentiometers provides a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of 짹8% and up to 짹6 mA current density in the Ax, Bx, and Wx pins.
REV. 0
AD5111 AD-AD5111 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5110 AD-AD5110 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5116 AD-AD5116 Datasheet
455Kb / 16P
   Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5200BRM10 AD-AD5200BRM10 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201 AD-AD5201 Datasheet
749Kb / 16P
   256-Position and 33-Position Digital Potentiometers
REV. B
AD5200 AD-AD5200_15 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com