Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5124BRUZ10 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD5124BRUZ10
Description  The AD5124/AD5144/AD5144A potentiometers provide a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of 짹8% and up to 짹6 mA current density in the Ax, Bx, and Wx pins.
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5124BRUZ10 Fiches technique(HTML) 4 Page - Analog Devices

  AD5124BRUZ10 Datasheet HTML 1Page - Analog Devices AD5124BRUZ10 Datasheet HTML 2Page - Analog Devices AD5124BRUZ10 Datasheet HTML 3Page - Analog Devices AD5124BRUZ10 Datasheet HTML 4Page - Analog Devices AD5124BRUZ10 Datasheet HTML 5Page - Analog Devices AD5124BRUZ10 Datasheet HTML 6Page - Analog Devices AD5124BRUZ10 Datasheet HTML 7Page - Analog Devices AD5124BRUZ10 Datasheet HTML 8Page - Analog Devices AD5124BRUZ10 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
AD5124/AD5144/AD5144A
Data Sheet
Rev. A | Page 4 of 36
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—AD5124
VDD = 2.3 V to 5.5 V, VSS = 0 V; VDD = 2.25 V to 2.75 V, VSS = −2.25 V to −2.75 V; VLOGIC = 1.8 V to 5.5 V, −40°C < TA < +125°C, unless
otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ1
Max
Unit
DC CHARACTERISTICS—RHEOSTAT
MODE (ALL RDACs)
Resolution
N
7
Bits
Resistor Integral Nonlinearity2
R-INL
RAB = 10 kΩ
VDD ≥ 2.7 V
−1
±0.1
+1
LSB
VDD < 2.7 V
−2.5
±1
+2.5
LSB
RAB = 100 kΩ
VDD ≥ 2.7 V
−0.5
±0.1
+0.5
LSB
VDD < 2.7 V
−1
±0.25
+1
LSB
Resistor Differential Nonlinearity2
R-DNL
−0.5
±0.1
+0.5
LSB
Nominal Resistor Tolerance
ΔRAB/RAB
−8
±1
+8
%
Resistance Temperature Coefficient3
(ΔRAB/RAB)/ΔT × 106
Code = full scale
35
ppm/°C
Wiper Resistance3
RW
Code = zero scale
RAB = 10 kΩ
55
125
RAB = 100 kΩ
130
400
Bottom Scale or Top Scale
RBS or RTS
RAB = 10 kΩ
40
80
RAB = 100 kΩ
60
230
Nominal Resistance Match
RAB1/RAB2
Code = 0xFF
−1
±0.2
+1
%
DC CHARACTERISTICS—POTENTIOMETER
DIVIDER MODE (ALL RDACs)
Integral Nonlinearity4
INL
RAB = 10 kΩ
−0.5
±0.1
+0.5
LSB
RAB = 100 kΩ
−0.25
±0.1
+0.25
LSB
Differential Nonlinearity4
DNL
−0.25
±0.1
+0.25
LSB
Full-Scale Error
VWFSE
RAB = 10 kΩ
−1.5
−0.1
LSB
RAB = 100 kΩ
−0.5
±0.1
+0.5
LSB
Zero-Scale Error
VWZSE
RAB = 10 kΩ
1
1.5
LSB
RAB = 100 kΩ
0.25
0.5
LSB
Voltage Divider Temperature
Coefficient3
(ΔVW/VW)/ΔT × 106
Code = half scale
±5
ppm/°C


Numéro de pièce similaire - AD5124BRUZ10

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5124BRUZ10 AD-AD5124BRUZ10 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5124BRUZ10-RL7 AD-AD5124BRUZ10-RL7 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5124BRUZ100 AD-AD5124BRUZ100 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5124BRUZ100-RL7 AD-AD5124BRUZ100-RL7 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
More results

Description similaire - AD5124BRUZ10

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5122 AD-AD5122 Datasheet
649Kb / 32P
   The AD5122/AD5142 potentiometers provides a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of 짹8% and up to 짹6 mA current density in the Ax, Bx, and Wx pins.
REV. 0
AD5111 AD-AD5111 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5110 AD-AD5110 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5116 AD-AD5116 Datasheet
455Kb / 16P
   Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5200BRM10 AD-AD5200BRM10 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201 AD-AD5201 Datasheet
749Kb / 16P
   256-Position and 33-Position Digital Potentiometers
REV. B
AD5200 AD-AD5200_15 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com