Moteur de recherche de fiches techniques de composants électroniques |
|
AD1879JD Fiches technique(PDF) 6 Page - Analog Devices |
|
AD1879JD Fiches technique(HTML) 6 Page - Analog Devices |
6 / 16 page AD1878/AD1879 REV. 0 –6– The AD1878/AD1879’s patented ∑∆ architectures “shape” the quantization noise-transfer function in a nonuniform manner. Through careful design, this transfer function can be specified to high-pass filter the quantization noise out of the audio band into higher frequency regions. See Figure 27. The Analog Devices’ AD1878/AD1879 also incorporates feedback resonators from the third integrator’s output to the second integrator’s input and from the fifth integrator’s output to the fourth integrators’ input. These resonators do not affect the signal transfer function but allow flexible placement of zeros in the noise transfer function. For the AD1878/AD1879, these zeros were placed near the high frequency end of the audio passband, reducing the quantization noise in a region where it otherwise would have been increasing. Oversampling by 64 simplifies the implementation of a high per- formance audio analog-to-digital conversion system. Antialias requirements are minimal; a single pole of filtering will usually suffice to eliminate inputs near FS and its higher multiples. A fifth-order architecture was chosen both to strongly shape the noise out of the audio band and to help break up the idle tones produced in all ∑∆ architectures. These architectures have a ten- dency to generate periodic patterns with a constant dc input, a response that looks like a tone in the frequency domain. These idle tones have a direct frequency dependence on the input dc offset and indirect dependence on temperature and time as it affects dc offset. The human ear operates effectively like a spec- trum analyzer and can be sensitive to tones below the integrated noise floor, depending on frequency and level. The AD1878/ AD1879 suppresses idle tones typically 110 dB or better below full-scale input levels. Previously it was thought that higher-order modulators could not be designed to be globally stable. However, the AD1878/ AD1879’s modulator was designed, simulated, and exhaustively tested to remain stable for any input within a wide tolerance of its rated input range. The AD1878/AD1879 was designed to reset itself should it ever be overdriven and go unstable. It will reset itself within 5 µs at a 48 kHz sampling frequency. Any such reset events will be invisible to the user since overdriving the in- puts will produce a “clipped” waveform at the output. The AD1878/AD1879 modulator architecture has been imple- mented using switched-capacitors. A systems benefit is that ex- ternal sample-and-hold amplifiers are unnecessary since the capacitors perform the sample-and-hold function Coefficient weights are created out of varying capacitor sizes. The dominant noise source in this design is kT/C noise, and the input capaci- tors are accordingly very large to achieve the AD1878/AD1879’s performance levels. (Each 6 dB improvement in dynamic range requires a quadrupling of input capacitor size, as well as an increase in size of the op amps to drive them.) This AD1878/ AD1879 thermal noise has been controlled to properly dither the input to an 18-bit level. (Note that 16-bit results from either the AD1878 or AD1879 will be underdithered.) With capacitors of adequate size and op amps of adequate drive, a well-designed switched-capacitor modulator will be relatively insensitive to jitter on the sampling clock. The key issue is whether the capacitors have had sufficient time to charge or discharge during the clock period. A properly designed switched capacitor modulator should be no more sensitive to clock jitter than are traditional nonoversampled ADCs. This contrasts with continuous-time modulators, which are very sensitive to the exact location of sampling clock edges. See Figures 20–23 for illustrations of the AD1878/AD1879’s typical analog performance resulting from this design. Signal- to-noise+distortion is shown under a range of conditions. Note the very good linearity performance of the AD1878/AD1879 as a consequence of its single-bit ∑∆ architecture in Figure 24. The common-mode rejection (Figure 25) graph illustrates the benefits of the AD1878/AD1879’s differential architecture. The excellent channel separation shown in Figure 26 is the result of careful chip design and layout. The relatively small change in gain over temperature (Figure 31) results from a robust refer- ence design. The output of the AD1878/AD1879 modulators is a stereo bitstream at 64 × F S (3.072 MHz for FS = 48 kHz). Spectral analysis of these bits would show that they contain a high qual- ity replica of the input in the audio band and an enormous amount of quantization noise at higher frequencies. The input signal can be recreated directly if these bits are fed into a prop- erly designed analog low-pass filter. Digital Filter Characteristics The digital decimator accepts the modulators’ stereo bitstream and simultaneously performs two operations on it. First, the decimator low-pass filters the quantization noise that the modu- lator shaped to high frequencies and filters any other out-of- audio-band input signals. Second, it reduces the data rate to an output word rate equal to FS. The high frequency bitstream is reduced to stereo 16-/18-bit words at 48 kHz (or other desired FS). The one-bit quantization noise, other high-frequency com- ponents of the bitstream, and analog signals in the stopband are attenuated by at least 115 dB. The AD1878/AD1879 decimator implements a symmetric Finite Impulse Response (FIR) filter, resulting in its linear phase re- sponse. This filter achieves a narrow transition band (0.0923 × FS), high stopband attenuation (> 115 dB), and low passband ripple (< 0.001 dB). The narrow transition band allows the unattenuated digitization of 20 kHz input signals with FS as low as 44.1 kHz. The stopband attenuation is sufficient to eliminate modulator quantization noise from affecting the output. Low passband ripple prevents the digital filter from coloring the audio signal. For this level of performance, 4095 22-bit coeffic- ients (taps) were required in each channel of this filter. The AD1878/AD1879’s decimator employs a proprietary single- stage, multiplier-free structure developed in conjunction with Ensoniq Corporation. See Figures 28 and 29 for the digital filter’s characteristics. The output from the decimator is available as a single serial output, multiplexed between left and right channels. Note that the digital filter itself is operating at 64 × F S. As a consequence, Nyquist images of the passband, transition band, and stopband will be repeated in the frequency spectrum at multiples of 64 × F S. Thus the digital filter will attenuate to 115 dB across the frequency spectrum except for a window ±0.5458 × F S wide centered at multiples of 64 × F S. Any input signals, clock noise, or digital noise in these frequency windows will not be attenuated to the full 115 dB. If the high frequency signals or noise appear within the passband images within these windows, they will not be digitally attenuated at all. |
Numéro de pièce similaire - AD1879JD |
|
Description similaire - AD1879JD |