Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA72715NV Fiches technique(PDF) 10 Page - Sanyo Semicon Device

No de pièce LA72715NV
Description  JPN MTS (Multi Channel Television Sound) Decoder IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA72715NV Fiches technique(HTML) 10 Page - Sanyo Semicon Device

Back Button LA72715NV Datasheet HTML 5Page - Sanyo Semicon Device LA72715NV Datasheet HTML 6Page - Sanyo Semicon Device LA72715NV Datasheet HTML 7Page - Sanyo Semicon Device LA72715NV Datasheet HTML 8Page - Sanyo Semicon Device LA72715NV Datasheet HTML 9Page - Sanyo Semicon Device LA72715NV Datasheet HTML 10Page - Sanyo Semicon Device LA72715NV Datasheet HTML 11Page - Sanyo Semicon Device LA72715NV Datasheet HTML 12Page - Sanyo Semicon Device LA72715NV Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LA72715NV
Fig.1 DATA STRUCTURE “WRITE” mode
START Condition
Slave Address
R/W
L
ACK
Control data
ACK
STOP condition
Fig.2 DATA STRUCTURE “READ” mode
START condition
Slave Address
R/W
H
ACK
Internal Data *
ACK
STOP condition
∗ The output data synchronizes with the clock of SCL pin. Then the ACK output is made after the output data.
bit8 is result of STERO DET
(H : STEREO)
bit7 is result of BILINGUAL DET (H : BILINGUAL)
bit6 is Initial Condition ‘H’
bit5 to bit1 are fixed to ‘L’
(3) Initialize
This IC is initialized for circuit protection. Initial condition is “01h (Main-mode) ”.
Reference
Parameter
Symbol
min
max
unit
LOW level input voltage
VIL
-0.5
1.5
V
HIGH level input voltage
VIH
2.5
5.5
V
LOW level output current
IOL
3.0
mA
SCL clock frequency
fSCL
0
100
kHz
Set-up time for a repeated START condition
tSU : STA
4.7
μs
Hold time START condition. After this period, the first clock pulse is generated
tHD : STA
4.0
μs
LOW period of the SCL clock
tLOW
4.7
μs
Rise time of both SDA and SDL signals
tR
0
1.0
μs
HIGH period of the SCL clock
tHIGH
4.0
μs
Fall time of both SDA and SDL signals
tF
0
1.0
μs
Data hold time
tHD : DAT
0
μs
Data set-up time
tSU : DAT
250
ns
Set-up time for STOP condition
tSU : STO
4.0
μs
BUS free time between a STOP and START condition
tBUF
4.7
μs
Definition of Timing
t HD:STA
t SU:STA
t LOW
t R
t F
t HIGH
t HD:DATA
t SU:DAT
t SU:STO
t BUF
SCL
SDA
No.A1770-10/13


Numéro de pièce similaire - LA72715NV

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA72715NV SANYO-LA72715NV Datasheet
373Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
logo
ON Semiconductor
LA72715NV ONSEMI-LA72715NV Datasheet
235Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
July, 2013
LA72715NV-TLM-E ONSEMI-LA72715NV-TLM-E Datasheet
235Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
July, 2013
More results

Description similaire - LA72715NV

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LA72715NV-TLM-E ONSEMI-LA72715NV-TLM-E Datasheet
235Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
July, 2013
logo
Sanyo Semicon Device
LA72715V SANYO-LA72715V_12 Datasheet
163Kb / 12P
   JPN MTS (Multi Channel Television Sound) Decoder IC
LA72715NV SANYO-LA72715NV Datasheet
373Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
LA72715V SANYO-LA72715V Datasheet
201Kb / 12P
   Monolithic Linear IC JPN MTS (Multi Channel Television Sound) Decoder IC
LA72700V SANYO-LA72700V Datasheet
522Kb / 16P
   US MTS (Multi Channel Television Sound) Decoder
LA72714VA SANYO-LA72714VA Datasheet
155Kb / 14P
   Monolithic Linear IC For JPN TV Multi Channel Television Sound Decoder IC
LA72710V SANYO-LA72710V Datasheet
285Kb / 10P
   Multi Channel Television Sound Decoder
logo
NEC
UPC1872CU NEC-UPC1872CU Datasheet
2Mb / 40P
   US MTS DECODER
UPC1876 NEC-UPC1876 Datasheet
309Kb / 40P
   US MTS DECODER
logo
Toshiba Semiconductor
TDA2791 TOSHIBA-TDA2791 Datasheet
379Kb / 11P
   Television sound combination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com