Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA1823 Fiches technique(PDF) 10 Page - Sanyo Semicon Device

No de pièce LA1823
Description  Single-Chip Tuner ICs for Use in Radio Cassette Recorder
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1823 Fiches technique(HTML) 10 Page - Sanyo Semicon Device

Back Button LA1823 Datasheet HTML 4Page - Sanyo Semicon Device LA1823 Datasheet HTML 5Page - Sanyo Semicon Device LA1823 Datasheet HTML 6Page - Sanyo Semicon Device LA1823 Datasheet HTML 7Page - Sanyo Semicon Device LA1823 Datasheet HTML 8Page - Sanyo Semicon Device LA1823 Datasheet HTML 9Page - Sanyo Semicon Device LA1823 Datasheet HTML 10Page - Sanyo Semicon Device LA1823 Datasheet HTML 11Page - Sanyo Semicon Device LA1823 Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LA1823, LA1823M
No.6854-10/12
Continued from preceding page.
Pin
number
Function
Quiescent
voltage (V)
Remarks
Equivalent circuit
AM
FM
14
Pilot detector filter
(forced monaural
mode)
2.9
3.8
Forced monaural mode when pin 14 is
connected to ground
15
Phase comparator
filter
(AM/FM switch)
0
3.8
FM mode is when pin 15 is open, and AM
mode is when pin 15 is connected to ground
16
17
L output
R output
1.2
1.2
Rout = 7.5k
Ω
18
MPX input
1.2
1.2
Rin = 50k
Ω
19
AM/FM detector
output
0.3
1.0
Output impedance
AM : Rout = 50k
Ω
FM : Rout = 500
Ω
The channel separation can be adjusted with
an external capacitor connected between
this pin and ground
20
FM-OSC
4.5
4.4
Connect the FM oscillator coil between this
pin and pin 21 (VCC2)
Continued on next page.
19
18
16
17
14
15
Rin
Rout (FM)
Rout (AM)
Rout
21
20


Numéro de pièce similaire - LA1823

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA1823 SANYO-LA1823 Datasheet
1Mb / 10P
   Single-Chip Tuner IC for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823 Datasheet
139Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
LA1823M SANYO-LA1823M Datasheet
139Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823_06 Datasheet
139Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
More results

Description similaire - LA1823

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA1823 SANYO-LA1823_06 Datasheet
139Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823 Datasheet
1Mb / 10P
   Single-Chip Tuner IC for Use in Radio Cassette Recorder
LA1824 SANYO-LA1824_09 Datasheet
112Kb / 10P
   Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
LA1824 SANYO-LA1824 Datasheet
107Kb / 10P
   Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
logo
Panasonic Semiconductor
AN7024 PANASONIC-AN7024 Datasheet
430Kb / 7P
   AM Tuner, FM-IF MPX IC for Radio, Radio Cassette Recorder
logo
STMicroelectronics
TDA7286 STMICROELECTRONICS-TDA7286 Datasheet
59Kb / 6P
   SINGLE CHIP PREAMPLIFIER FOR DOUBLE DECK RADIO CASSETTE RECORDER
logo
Sanyo Semicon Device
LV23000M SANYO-LV23000M Datasheet
144Kb / 14P
   Single-Chip Tuner IC for Radio/Cassette Players
LA1827M SANYO-LA1827M Datasheet
347Kb / 12P
   Single-Chip Tuner IC for Portable Radio/Cassette Recorders
logo
Panasonic Semiconductor
AN7223 PANASONIC-AN7223 Datasheet
43Kb / 3P
   AM Tuner, FM/AM IF Amplifier Circuit for Radio Cassette Recorder
AN7017S PANASONIC-AN7017S Datasheet
64Kb / 5P
   FM/TV Front-end ICs for 1.5V Headphone Stereo, Radio Cassette Recorder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com