Moteur de recherche de fiches techniques de composants électroniques |
|
AD1845JST Fiches technique(PDF) 4 Page - Analog Devices |
|
AD1845JST Fiches technique(HTML) 4 Page - Analog Devices |
4 / 40 page AD1845 –4– REV. C SYSTEM SPECIFICATIONS Min Typ Max Units System Frequency Response Ripple (Line In to Line Out)* 1.0 dB Differential Nonlinearity* ±1 LSB Phase Linearity Deviation* 5 Degrees STATIC DIGITAL SPECIFICATIONS Min Max Units High Level Input Voltage (VIH) Digital Inputs 2.4 V XTAL1I 2.4 V Low Level Input Voltage (VIL) 0.8 V High Level Output Voltage (VOH) IOH = –2 mA 2.4 V Low Level Output Voltage (VOL) IOL = 2 mA 0.4 V Input Leakage Current –10 10 µA Output Leakage Current –10 10 µA TIMING PARAMETERS (GUARANTEED OVER OPERATING TEMPERATURE RANGE, V DD = VCC = 5.0 V) Min Max Units WR/RD Strobe Width (tSTW) 100 ns WR/RD Rising to WR/RD Falling (tBWND)80 ns Write Data Setup to WR Rising (tWDSU)10 ns RD Falling to Valid Read Data (tRDDV)40 ns CS Setup to WR/RD Falling (tCSSU)10 ns CS Hold from WR/RD Rising (tCSHD)0 ns Adr Setup to WR/RD Falling (tADSU)10 ns Adr Hold from WR/RD Rising (tADHD)10 ns DAK Rising to WR/RD Falling (tSUDK1)20 ns DAK Falling to WR/RD Rising (tSUDK2)0 ns DAK Setup to WR/RD Falling (tDKSU)10 ns Data Hold from RD Rising (tDHD1)20 ns Data Hold from WR Rising (tDHD2)15 ns DRQ Hold from WR/RD Falling (tDRHD)25 ns DAK Hold from WR Rising (tDKHDa)10 ns DAK Hold from RD Rising (tDKHDb) 10 ns DBEN /DBDIR Delay from WR/RD Falling (tDBDL) 30 ns PWRDWN and RESET Low Pulsewidth 300 ns *Guaranteed, not tested. |
Numéro de pièce similaire - AD1845JST |
|
Description similaire - AD1845JST |