Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK433-330N-E Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce STK433-330N-E
Description  3channel class-AB Audio Power IC 150W150W150W
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK433-330N-E Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  STK433-330N-E Datasheet HTML 1Page - Sanyo Semicon Device STK433-330N-E Datasheet HTML 2Page - Sanyo Semicon Device STK433-330N-E Datasheet HTML 3Page - Sanyo Semicon Device STK433-330N-E Datasheet HTML 4Page - Sanyo Semicon Device STK433-330N-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-330N-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-330N-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-330N-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-330N-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
82912HKPC 018-11-0063 No.A2107-1/11
STK433-330N-E
Overview
The STK433-330N-E is a hybrid IC designed to be used in 150W
× 3ch class AB audio power amplifiers.
Application
• Audio Power amplifiers
Features
• Pin-to-pin compatible outputs ranging from 40W to 150W.
• Miniature package.
• Output load impedance: RL = 6Ω recommended.
• Allowable load shorted time: 0.3 second
• Allows the use of predesigned applications for standby and mute circuit.
Series model
STK433-040N-E
STK433-060N-E
STK433-130N-E
STK433-330N-E
Output1 (10%/1kHz)
40W
× 2ch
50W
× 2ch
150W
× 2ch
150W
× 3ch
Output2 (0.4%/20Hz to 20kHz)
25W
× 2ch
35W
× 2ch
100W
× 2ch
100W
× 3ch
Max. rating VCC (quiescent)
±38V
±46V
±71.5V
±71.5V
Max. rating VCC (6Ω)
±36V
±40V
±63V
±63V
Recommended operating VCC (6Ω)
±24V
±27V
±44V
±44V
Dimensions (excluding pin height)
47.0mm
×25.6mm×9.0mm
67.0mm
×25.6mm×9.0mm
64.0mm
×36.6mm×9.0mm
STK433-840N-E
STK433-870N-E
STK433-890N-E
Output1 (10%/1kHz)
40W
× 4ch
60W
× 4ch
80W
× 4ch
Output2 (0.4%/20Hz to 20kHz)
25W
× 4ch
40W
× 4ch
50W
× 4ch
Max. rating VCC (quiescent)
±38V
±50V
±54V
Max. rating VCC (6Ω)
±36V
±44V
±47V
Recommended operating VCC (6Ω)
±25V
±30V
±34V
Dimensions (excluding pin height)
64.0mm
×31.1mm×9.0mm
78.0mm
×44.1mm×9.0mm
Ordering number : ENA2107
Thick-Film Hybrid IC
3channel class-AB Audio Power IC
150W+150W+150W


Numéro de pièce similaire - STK433-330N-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
STK433-330N-E ONSEMI-STK433-330N-E Datasheet
376Kb / 11P
   3ch class-AB Audio Power IC
April, 2013
More results

Description similaire - STK433-330N-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK433-130N-E SANYO-STK433-130N-E Datasheet
291Kb / 11P
   2channel class-AB Audio Power IC 150W150W
STK433-130-E SANYO-STK433-130-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 150W150W
logo
Monolithic Power System...
EV7720DS-7782-00D MPS-EV7720DS-7782-00D Datasheet
628Kb / 11P
   150W Class D 5.1 Channel Audio Board
logo
MicroPower Direct, LLC
LDC-150 MPD-LDC-150 Datasheet
1Mb / 4P
   150W Output Power
logo
Mospec Semiconductor
2N3771 MOSPEC-2N3771 Datasheet
132Kb / 3P
   POWER TRANSISTORS(150W)
logo
MicroPower Direct, LLC
LDC-120 MPD-LDC-120 Datasheet
1Mb / 4P
   150W Output Power
logo
Mospec Semiconductor
2N3789 MOSPEC-2N3789 Datasheet
116Kb / 3P
   POWER TRANSISTORS(10A,150W)
logo
FSP TECHNOLOGY INC.
FSP150-P24-C FSP-FSP150-P24-C Datasheet
379Kb / 3P
   150W ITE POWER SUPPLIES
2022.10
logo
Mospec Semiconductor
2N5875 MOSPEC-2N5875 Datasheet
124Kb / 3P
   POWER TRANSISTORS(10A,150W)
2N6050 MOSPEC-2N6050 Datasheet
188Kb / 4P
   POWER TRANSISTORS(12A,150W)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com