Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1317 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD1317
Description  Ultrahigh Speed Window Comparator with Latch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1317 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD1317 Datasheet HTML 4Page - Analog Devices AD1317 Datasheet HTML 5Page - Analog Devices AD1317 Datasheet HTML 6Page - Analog Devices AD1317 Datasheet HTML 7Page - Analog Devices AD1317 Datasheet HTML 8Page - Analog Devices AD1317 Datasheet HTML 9Page - Analog Devices AD1317 Datasheet HTML 10Page - Analog Devices AD1317 Datasheet HTML 11Page - Analog Devices AD1317 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD1317
–10–
REV. A
Output wire lengths should be kept below one inch. Longer
connections require the use of transmission line techniques to
prevent ringing and reflections. Lines should be terminated with
their characteristic impedance to –2 V. Thevenin-equivalent
termination to –VS is also possible.
High quality RF capacitors should be used for power supply
bypassing. These should be located as closely as possible to the
AD1317’s power pins and connections to the ground plane
should have the minimum possible length. Both +VS and –VS
must be bypassed with 470 pF capacitors located within 0.25
inches of the device’s supply pins. In addition, each supply
should be bypassed with 0.1
µF ceramic and 10 µF tantalum
capacitors. Low impedance power distribution techniques will
make the locations of these components less critical. Adding
470 pF capacitors at the VINA and VINB inputs, as close as
possible to the package, will improve circuit performance and
noise immunity in dc-compare applications.
Figure 26. Basic Circuit Decoupling
Figure 27. Typical Comparator Hysteresis
Figure 28. Comparator Hysteresis Test Setup
Figure 29. Typical Hysteresis Curve
Figure 30. Hysteresis


Numéro de pièce similaire - AD1317

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AD131 ETC1-AD131 Datasheet
329Kb / 4P
   GERMANIUM POWER TRANSISTORS
logo
HANAMICRON
AD1315 HANAMICRON-AD1315 Datasheet
247Kb / 8P
   High Speed Active Load with Inhibit Mode
AD1315KZ HANAMICRON-AD1315KZ Datasheet
247Kb / 8P
   High Speed Active Load with Inhibit Mode
logo
Analog Devices
AD1316 AD-AD1316 Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
More results

Description similaire - AD1317

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD53042 AD-AD53042 Datasheet
70Kb / 4P
   High Speed Window Comparator
REV. A
AD53042 AD-AD53042_15 Datasheet
74Kb / 4P
   High Speed Window Comparator
REV. A
logo
Intersil Corporation
EL5287 INTERSIL-EL5287 Datasheet
136Kb / 8P
   Window 4ns High-Speed Comparator
EL5283 INTERSIL-EL5283 Datasheet
150Kb / 8P
   Window 8ns High-Speed Comparator
logo
Hittite Microwave Corpo...
HMC974LC3C HITTITE-HMC974LC3C Datasheet
542Kb / 8P
   10 GHz, HIGH SPEED WINDOW COMPARATOR
logo
Analog Devices
HMC974LC3C AD-HMC974LC3C Datasheet
350Kb / 12P
   High Speed, 10 GHz Window Comparator
logo
Linear Technology
LTC1042 LINER-LTC1042 Datasheet
576Kb / 8P
   Window Comparator
LTC1042 LINER-LTC1042_09 Datasheet
172Kb / 8P
   Window Comparator
LTC1042 LINER-LTC1042_15 Datasheet
123Kb / 8P
   Window Comparator
logo
Intersil Corporation
HA4905 INTERSIL-HA4905 Datasheet
25Kb / 2P
   Window Comparator With Independent Adjustments
April 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com