Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS9002 Fiches technique(PDF) 11 Page - Touchstone Semiconductor Inc

No de pièce TS9002
Description  Low-Power Single/Dual-Supply Dual Comparator with Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOUCHSTONE [Touchstone Semiconductor Inc]
Site Internet  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS9002 Fiches technique(HTML) 11 Page - Touchstone Semiconductor Inc

Back Button TS9002 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 10Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TS9002
Touchstone Semiconductor, Inc.
Page 11
630 Alder Drive, Milpitas, CA 95035
TS9002DS r1p0
+1 (408) 215 - 1220
www.touchstonesemi.com
RTFDS
PACKAGE OUTLINE DRAWING
8-Pin MSOP Package Outline Drawing
(N.B., Drawings are not to scale)
0.65 REF
3.10 Max
2.90 Min
0.95 Max
0.75 Min
0.15 Max
0.05 Min
SEATING PLANE
5.08 Max
4.67 Min
3.10 Max
2.90 Min
0' -- 6'
DETAIL ‘A’
DETAIL “A”
0.25
0.70 Max
0.40 Min
0.23 max
0.13 Min
NOTE:
1. PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
2. PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH OR PROTUSIONS.
3. CONTROLLING DIMENSION IN MILIMETERS.
4. THIS PART IS COMPLIANT WITH JEDEC MO-187 VARIATIONS AA
5. LEAD SPAN/STAND OFF HEIGHT/COPLANARITY ARE CONSIDERED AS SPECIAL CHARACTERISTIC.
1
2
8
0.38 Max
0.28 Min
0.10 Max
GAUGE PLANE
1.10 Max
0.27 REF
0.127
0.23 Max
0.13 Min
0.38 Max
0.28 Min
Information furnished by Touchstone Semiconductor is believed to be accurate and reliable. However, Touchstone Semiconductor does not
assume any responsibility for its use nor for any infringements of patents or other rights of third parties that may result from its use, and all
information provided by Touchstone Semiconductor and its suppliers is provided on an AS IS basis, WITHOUT WARRANTY OF ANY KIND.
Touchstone Semiconductor reserves the right to change product specifications and product descriptions at any time without any advance
notice. No license is granted by implication or otherwise under any patent or patent rights of Touchstone Semiconductor. Touchstone
Semiconductor assumes no liability for applications assistance or customer product design. Customers are responsible for their products and
applications using Touchstone Semiconductor components. To minimize the risk associated with customer products and applications,
customers should provide adequate design and operating safeguards. Trademarks and registered trademarks are the property of their
respective owners.


Numéro de pièce similaire - TS9002

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS9002 TSC-TS9002 Datasheet
125Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9002 TSC-TS9002 Datasheet
219Kb / 5P
   300mA CMOS LDO with Enable & Power Good
logo
Silicon Laboratories
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Taiwan Semiconductor Co...
TS90021CX5 TSC-TS90021CX5 Datasheet
125Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9002ACX5 TSC-TS9002ACX5 Datasheet
125Kb / 5P
   300mA CMOS LDO with Enable & Power Good
More results

Description similaire - TS9002

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Touchstone Semiconducto...
TS9004DB TOUCHSTONE-TS9004DB Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
TS9004 TOUCHSTONE-TS9004 Datasheet
979Kb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Silicon Laboratories
TS9004 SILABS-TS9004 Datasheet
1Mb / 13P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Linear Technology
LTC1440 LINER-LTC1440_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1442 LINER-LTC1442_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441IS LINER-LTC1441IS Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441 LINER-LTC1441_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440 LINER-LTC1440_07 Datasheet
248Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440 LINER-LTC1440 Datasheet
268Kb / 12P
   Ultralow Power Single/Dual Comparator with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com