Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC786961W Fiches technique(PDF) 6 Page - Sanyo Semicon Device

No de pièce LC786961W
Description  Compact Disc Player IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC786961W Fiches technique(HTML) 6 Page - Sanyo Semicon Device

Back Button LC786961W Datasheet HTML 2Page - Sanyo Semicon Device LC786961W Datasheet HTML 3Page - Sanyo Semicon Device LC786961W Datasheet HTML 4Page - Sanyo Semicon Device LC786961W Datasheet HTML 5Page - Sanyo Semicon Device LC786961W Datasheet HTML 6Page - Sanyo Semicon Device LC786961W Datasheet HTML 7Page - Sanyo Semicon Device LC786961W Datasheet HTML 8Page - Sanyo Semicon Device LC786961W Datasheet HTML 9Page - Sanyo Semicon Device LC786961W Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LC786961W
No.A2081-6/29
Electrical Characteristics
at Ta = -40 to +85
°C, VDD1 = 3.0V to 3.6V,
DVSS = AVSS = LRVSS = XVSS1 = XVSS2 = VVSS1 = VVSS2 = 0V
Parameter
Symbol
Pin names
Conditions
min
typ
max
Unit
Current drain
IDD1
DVDD, AVDD, LRVDD, XVDD1,
XVDD2, UVDD, VVDD1,
VVDD2,
VVDD3
125
150
mA
IIH(1)
RESB, SIFCK, SIFDI, JTMS,
JTRSTB, JTCK, JTDI,
PMODE0, PMODE1, SIFDO,
SIFCE, BUSYB, GP03, GP04,
GP05, GP06, GP07, GP10,
GP11, GP12, GP14, GP15,
GP16, GP26, GP27
Schmitt,
VIN = 5.50V
Built-in
Pull-down
resistor OFF
10.00
μA
High-level input current
IIH(2)
GP13, GP17, GP20, GP21,
GP22, GP23, GP24, GP25,
GP60, GP61, GP62, GP63,
GP64, GP65,
SDDAT00 to SDDAT15
Schmitt,
VIN = VDD1
Built-in
Pull-down
resistor OFF
10.00
μA
Low-level input current
IIL(1)
RESB, SIFCK, SIFDI,
SIFDO, SIFCE, BUSYB,
GP03, GP04, GP05, GP06,
GP07, GP10, GP11, GP12,
GP13, GP14, GP15, GP16,
GP17, GP20, GP21, GP22,
GP23, GP24, GP25, GP26,
GP27, GP60, GP61, GP62,
GP63, GP64, GP65,
SDDAT00 to SDDAT15, JTMS,
JTRSTB, JTCK, JTDI,
MODE0, MODE1, MODE2
Schmitt,
VIN = 0V
-10.00
μA
VOH(1)
GP04, GP05, GP06, GP07,
GP12, GP13, GP14, GP15,
GP16, GP17, GP20, GP21,
GP22, GP23, GP24, GP25,
GP26, GP27, GP60, GP61,
GP62, GP63, GP64, GP65,
SDBA, SDDAT00 to SDDAT15,
SDADRS00 to SDADRS12,
SDCSB, SDRASB, SDCASB,
SDWEB, SDCKE, SDDQM
CMOS,
IOH = -2mA
VDD1-0.6
V
High-level output voltage
VOH(2)
SIFDI, SIFDO, SIFCE, BUSYB,
GP03, GP10, GP11,
SDCLK, JTDO, JTRTCK
CMOS,
IOH = -4mA
VDD1-0.6
V
VOL(1)
GP04, GP05, GP06, GP07,
GP12, GP13, GP14, GP15,
GP16, GP17, GP20, GP21,
GP22, GP23, GP24, GP25,
GP26, GP27, GP60, GP61,
GP62, GP63, GP64, GP65,
SDBA, SDDAT00 to SDDAT15,
SDADRS00 to SDADRS12,
SDCSB, SDRASB, SDCASB,
SDWEB, SDCKE, SDDQM
CMOS,
IOL = 2mA
0.40
V
Low-level output voltage
VOL(2)
SIFDI, SIFDO, SIFCE, BUSYB,
GP03, GP10, GP11,
SDCLK, JTDO, JTRTCK
CMOS,
IOL = 4mA
0.40
V
IOFF(1)
PDOUT0, PDOUT1, AFILT
Hi-Z Out
-10.00
10.00
μA
Output off-leakage current
IOFF(2)
SIFDO
Hi-Z Out
-10.00
10.00
μA
Continued to the next page.


Numéro de pièce similaire - LC786961W

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC786961W ONSEMI-LC786961W Datasheet
236Kb / 29P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
LC786961W-H ONSEMI-LC786961W-H Datasheet
236Kb / 29P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
More results

Description similaire - LC786961W

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE Datasheet
266Kb / 26P
   Compact Disc Player IC
January 2015 - Rev. P0
LC786960E ONSEMI-LC786960E Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
LC78615E ONSEMI-LC78615E Datasheet
302Kb / 24P
   Compact Disc Player IC
January 2015 - Rev. 1
LC786961W ONSEMI-LC786961W Datasheet
236Kb / 29P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
logo
Sanyo Semicon Device
LC786960E SANYO-LC786960E Datasheet
222Kb / 24P
   Compact Disc Player IC
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com