Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC72725KMA Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LC72725KMA
Description  RDS(RBDS) Demodulation IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72725KMA Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LC72725KMA Datasheet HTML 1Page - Sanyo Semicon Device LC72725KMA Datasheet HTML 2Page - Sanyo Semicon Device LC72725KMA Datasheet HTML 3Page - Sanyo Semicon Device LC72725KMA Datasheet HTML 4Page - Sanyo Semicon Device LC72725KMA Datasheet HTML 5Page - Sanyo Semicon Device LC72725KMA Datasheet HTML 6Page - Sanyo Semicon Device LC72725KMA Datasheet HTML 7Page - Sanyo Semicon Device LC72725KMA Datasheet HTML 8Page - Sanyo Semicon Device LC72725KMA Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
53012HK 20120516-S00003 No.A2063-1/9
LC72725KMA
Overview
The LC72725KMA is IC that implement the signal processing required by the European Broadcasting Union RDS
(Radio Data System) standard and by the US NRSC (National Radio System Committee) RBDS (Radio Broadcast Data
System) standard. This IC include band-pass filter, demodulator, and data buffer on chip. RDS data can be read out from
this on-chip memory by external clock input in slave operation mode.
Functions
 Bandpass filter: Switched capacitor filter (SCF)
 RDS Demodulation: 57kHz carrier and RDS data clock regeneration, biphase decode, differential decode.
 Buffer: 128 bit (about 100ms) can be restored in the on-chip data buffer RAM.
 Data output: Master or slave output mode can be selected.
 RDS-ID: Detect RDS signal which can be reset by RST signal input.
 Standby control: Crystal oscillator can be stopped.
 Fully adjustment free
 Low Voltage
Specifications
Absolute Maximum Ratings at Ta = 25
C, VSSd = VSSa = 0V
Parameter
Symbol
Pin Name
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDDd, VDDa *
VDDaVDDd+0.3V
-0.3 to +6.5
V
Maximum input voltage
VIN1 max
TEST, MODE, XIN, RDCL, RST
-0.3 to VDDd+0.3
V
VIN2 max
MPXIN, CIN
-0.3 to VDDa+0.3
V
Maximum output voltage
VO1 max
RDS-ID(READY)
-0.3 to +6.5
V
VO2 max
XOUT, RDDA, RDCL
-0.3 to VDDd+0.3
V
VO3 max
FLOUT
-0.3 to VDDa+0.3
V
Maximum output current
IO1 max
XOUT, FLOUT, RDDA, RDCL
+2.0
mA
IO2 max
RDS-ID(READY)
+8.0
mA
* VDDaVDDd+0.3V
Continued on next page.
Ordering number : ENA2063
CMOS IC
RDS(RBDS) Demodulation IC


Numéro de pièce similaire - LC72725KMA

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72725KM SANYO-LC72725KM Datasheet
176Kb / 9P
   CMOS IC RDS(RBDS) Demodulation IC
LC72725KM SANYO-LC72725KM Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
LC72725KM SANYO-LC72725KM_10 Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
More results

Description similaire - LC72725KMA

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72725KM SANYO-LC72725KM_10 Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
logo
ON Semiconductor
LC72725KVS ONSEMI-LC72725KVS Datasheet
90Kb / 9P
   RDS(RBDS) Demodulation IC
June, 2013
LC72725KV ONSEMI-LC72725KV Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
June, 2013
logo
Sanyo Semicon Device
LC72725KVS SANYO-LC72725KVS Datasheet
91Kb / 9P
   CMOS IC RDS(RBDS) Demodulation IC
LC72725KM SANYO-LC72725KM Datasheet
176Kb / 9P
   CMOS IC RDS(RBDS) Demodulation IC
LC72723 SANYO-LC72723 Datasheet
114Kb / 8P
   RDS Demodulation IC
logo
Rohm
BU1924 ROHM-BU1924 Datasheet
81Kb / 5P
   RDS / RBDS decoder
logo
STMicroelectronics
TDA7333 STMICROELECTRONICS-TDA7333 Datasheet
656Kb / 21P
   RDS/RBDS PROCESSOR
January 2005 Rev. 1
TDA7333N STMICROELECTRONICS-TDA7333N Datasheet
415Kb / 36P
   RDS/RBDS processor
logo
Rohm
BU1920 ROHM-BU1920 Datasheet
96Kb / 7P
   RDS / RBDS decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com