Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA4815VH Fiches technique(PDF) 10 Page - Sanyo Semicon Device

No de pièce LA4815VH
Description  Monaural Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4815VH Fiches technique(HTML) 10 Page - Sanyo Semicon Device

Back Button LA4815VH Datasheet HTML 6Page - Sanyo Semicon Device LA4815VH Datasheet HTML 7Page - Sanyo Semicon Device LA4815VH Datasheet HTML 8Page - Sanyo Semicon Device LA4815VH Datasheet HTML 9Page - Sanyo Semicon Device LA4815VH Datasheet HTML 10Page - Sanyo Semicon Device LA4815VH Datasheet HTML 11Page - Sanyo Semicon Device LA4815VH Datasheet HTML 12Page - Sanyo Semicon Device LA4815VH Datasheet HTML 13Page - Sanyo Semicon Device LA4815VH Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
LA4815VH
No.A1374-10/15
General characteristics (1)
5
7
0.1
1
10
2
3
5
7
2
3
2
3
5
7
5
5
7
2
3
5
7
2
3
2
3
5
7
1
0.1
10
5
0.01
3
25
7
3
23
2
57
0.1
1
0.1
1
23
5
7
23
23
57
5
– 30
20
45
– 50
0
0.01
0.1
2 3
57
2 3
57
2 3
57
2 3
57
1k
10k
100k
0.01
0.1
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
1
1
10
0.01
2
3
5
7
2
3
5
7
2
3
5
7
1
0.1
10
0.01
23
2
3
57
2
3
57
0.1
1
23
5
7
5
Output power, PO –W
THD – f
0.01
0
5
10
15
20
25
30
35
40
7
0.1
2
3
5
7
1
2
3
5
7
2
3
5
10
100
23
23
57 1k
23
5
7 10k
23
23
57
2
3
5
7
1k
10k
5
Frequency, f – Hz
THD – f
VG – f
0.01
2
3
5
7
0.1
2
3
5
7
2
3
5
7
1
10
100
5
Frequency, f – Hz
Frequency, f – Hz
100
1k
23
23
57 10k
5
Frequency, f – Hz
0.01
5
THD – PO
Input level, VIN – dBV
VOUT – VIN
THD – PO
THD – PO
THD – f
RL = 8Ω
VG = 26dB
fin = 1kHz
RL = 16Ω
VG = 26dB
fin = 1kHz
VG = 26dB
RL = 8Ω
fin = 1kHz
RL = 4Ω
VG = 26dB
fin = 1kHz
VCC = 12V
RL = 8Ω
PO = 100mW
VCC = 12V
RL = 16Ω
PO = 50mW
VG
= 26dB
VG
= 40dB
VG
= 26dB
VG
= 40dB
VG
= 26dB
VG
= 40dB
– 25
– 20
– 15
– 10
– 5
0
5
10
15
– 40
– 20
– 30
– 10
VCC = 6V
VCC =
12V
VCC = 15V
VCC = 12V
RL = 8Ω
VG = 26dB
VG = 40dB
Output power, PO –W
Output power, PO –W
VCC = 12V
RL = 4Ω
PO = 200mW


Numéro de pièce similaire - LA4815VH

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4815VH SANYO-LA4815VH Datasheet
159Kb / 15P
   Monaural Power Amplifier
logo
ON Semiconductor
LA4815VH ONSEMI-LA4815VH Datasheet
264Kb / 15P
   Monaural Power Amplifier
May, 2013
More results

Description similaire - LA4815VH

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4815M SANYO-LA4815M Datasheet
153Kb / 14P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH Datasheet
159Kb / 15P
   Monaural Power Amplifier
logo
ON Semiconductor
LA4815VH ONSEMI-LA4815VH Datasheet
264Kb / 15P
   Monaural Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4815M SANYO-LA4815M_10 Datasheet
258Kb / 14P
   Monaural Power Amplifier
LV4991M SANYO-LV4991M Datasheet
173Kb / 11P
   Monaural BTL Power Amplifier
LA42031-E SANYO-LA42031-E Datasheet
89Kb / 7P
   5W Monaural Power Amplifier
logo
Sony Corporation
CXA1622M SONY-CXA1622M Datasheet
215Kb / 13P
   Stereo Power Amplifier/Monaural BTL Power Amplifier
logo
New Japan Radio
NJM2166 NJRC-NJM2166 Datasheet
94Kb / 8P
   MONAURAL AUDIO POWER AMPLIFIER IC
logo
Sanyo Semicon Device
LA4267 SANYO-LA4267 Datasheet
70Kb / 6P
   5 W Monaural Power Amplifier
LA4268 SANYO-LA4268 Datasheet
69Kb / 6P
   10 W Monaural Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com