Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA4815VH Fiches technique(PDF) 5 Page - Sanyo Semicon Device

No de pièce LA4815VH
Description  Monaural Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4815VH Fiches technique(HTML) 5 Page - Sanyo Semicon Device

  LA4815VH_12 Datasheet HTML 1Page - Sanyo Semicon Device LA4815VH_12 Datasheet HTML 2Page - Sanyo Semicon Device LA4815VH_12 Datasheet HTML 3Page - Sanyo Semicon Device LA4815VH_12 Datasheet HTML 4Page - Sanyo Semicon Device LA4815VH_12 Datasheet HTML 5Page - Sanyo Semicon Device LA4815VH_12 Datasheet HTML 6Page - Sanyo Semicon Device LA4815VH_12 Datasheet HTML 7Page - Sanyo Semicon Device LA4815VH_12 Datasheet HTML 8Page - Sanyo Semicon Device LA4815VH_12 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LA4815VH
No.A1374-5/15
Pin Functions
Pin No.
Pin Name
Pin Voltage
Description
Equivalent Circuit
VCC = 12V
11
GAIN1
0.35
Gain switching pin.
• 26dB mode when left open.
• 40dB mode when connected to ground.
(Both pins 11 and 4 must be reconfigured at
the same time.)
11
VCC
GND
500
Ω
122
Ω 10kΩ
12
GND1
0
Preamplifier system ground pin.
13
IN
1.7
Input pin.
+
-
100k
Ω
Vbias
Pre-Amp
13
VCC
14
PGND
0
Power amplifier ground pin.
1
OUT
5.9
Power amplifier output pin.
Pre-Amp
1
VCC
VCC
GND
10k
Ω
2
VCC
12
Power supply pin.
3
MUTE
4.9
Mute control pin.
• Mute ON ⇒ Low
• Mute OFF ⇒ High
3
VCC
GND
VCC
4
GAIN2
0.35
Gain switching pin.
• 26dB mode when left open.
• 40dB mode when connected to ground.
(Both pins 11 and 4 must be reconfigured at
the same time.)
4
VCC
GND
OUT
500
Ω
125
Ω 10kΩ


Numéro de pièce similaire - LA4815VH_12

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4815VH SANYO-LA4815VH Datasheet
159Kb / 15P
   Monaural Power Amplifier
logo
ON Semiconductor
LA4815VH ONSEMI-LA4815VH Datasheet
264Kb / 15P
   Monaural Power Amplifier
May, 2013
More results

Description similaire - LA4815VH_12

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4815M SANYO-LA4815M Datasheet
153Kb / 14P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH Datasheet
159Kb / 15P
   Monaural Power Amplifier
logo
ON Semiconductor
LA4815VH ONSEMI-LA4815VH Datasheet
264Kb / 15P
   Monaural Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4815M SANYO-LA4815M_10 Datasheet
258Kb / 14P
   Monaural Power Amplifier
LV4991M SANYO-LV4991M Datasheet
173Kb / 11P
   Monaural BTL Power Amplifier
LA42031-E SANYO-LA42031-E Datasheet
89Kb / 7P
   5W Monaural Power Amplifier
logo
Sony Corporation
CXA1622M SONY-CXA1622M Datasheet
215Kb / 13P
   Stereo Power Amplifier/Monaural BTL Power Amplifier
logo
New Japan Radio
NJM2166 NJRC-NJM2166 Datasheet
94Kb / 8P
   MONAURAL AUDIO POWER AMPLIFIER IC
logo
Sanyo Semicon Device
LA4267 SANYO-LA4267 Datasheet
70Kb / 6P
   5 W Monaural Power Amplifier
LA4268 SANYO-LA4268 Datasheet
69Kb / 6P
   10 W Monaural Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com