Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MJ10009 Fiches technique(PDF) 1 Page - Motorola, Inc

No de pièce MJ10009
Description  20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 450 and 500 VOLTS 175 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ10009 Fiches technique(HTML) 1 Page - Motorola, Inc

  MJ10009 Datasheet HTML 1Page - Motorola, Inc MJ10009 Datasheet HTML 2Page - Motorola, Inc MJ10009 Datasheet HTML 3Page - Motorola, Inc MJ10009 Datasheet HTML 4Page - Motorola, Inc MJ10009 Datasheet HTML 5Page - Motorola, Inc MJ10009 Datasheet HTML 6Page - Motorola, Inc MJ10009 Datasheet HTML 7Page - Motorola, Inc MJ10009 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Bipolar Power Transistor Device Data
Designer's™ Data Sheet
SWITCHMODE Series
NPN Silicon Power Darlington
Transistor with Base-Emitter
Speedup Diode
The MJ10009 Darlington transistor is designed for high–voltage, high–speed,
power switching in Inductive circuits where fall time is critical. It is particularly suited
for line operated switchmode applications such as:
• Switching Regulators
• Inverters
• Solenoid and Relay Drivers
• Motor Controls
• Deflection Circuits
Fast Turn–Off Times
1.6
µs (max) Inductive Crossover Time – 10 A, 100_C
3.5
µs (max) Inductive Storage Time – 10 A, 100_C
Operating Temperature Range – 65 to + 200
_C
100
_C Performance Specified for:
Reversed Biased SOA with Inductive Loads
Switching Times with Inductive Loads
Saturation Voltages
Leakage Currents
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
500
Vdc
Collector–Emitter Voltage
VCEX
500
Vdc
Collector–Emitter Voltage
VCEV
700
Vdc
Emitter Base Voltage
VEB
8
Vdc
Collector Current — Continuous
— Peak (1)
IC
ICM
20
30
Adc
Base Current — Continuous
— Peak (1)
IB
IBM
2.5
5
Adc
Total Power Dissipation @ TC = 25_C
@ TC = 100_C
Derate above 25
_C
PD
175
100
1
Watts
W/
_C
Operating and Storage Junction Temperature Range
TJ, Tstg
– 65 to + 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
1
_C/W
Maximum Lead Temperature for Soldering Purposes: 1/8
″ from Case for 5 Seconds
TL
275
_C
(1) Pulse Test: Pulse Width = 5 ms, Duty Cycle
v 10%.
Designer’s and SWITCHMODE are trademarks of Motorola, Inc.
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJ10009/D
© Motorola, Inc. 1995
20 AMPERE
NPN SILICON
POWER DARLINGTON
TRANSISTORS
450 and 500 VOLTS
175 WATTS
MJ10009
CASE 1–07
TO–204AA
(TO–3)
*
*Motorola Preferred Device
≈ 100
≈ 15
REV 2


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn