Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MJ10005 Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce MJ10005
Description  20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ10005 Fiches technique(HTML) 3 Page - Motorola, Inc

  MJ10005 Datasheet HTML 1Page - Motorola, Inc MJ10005 Datasheet HTML 2Page - Motorola, Inc MJ10005 Datasheet HTML 3Page - Motorola, Inc MJ10005 Datasheet HTML 4Page - Motorola, Inc MJ10005 Datasheet HTML 5Page - Motorola, Inc MJ10005 Datasheet HTML 6Page - Motorola, Inc MJ10005 Datasheet HTML 7Page - Motorola, Inc MJ10005 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MJ10005
3
Motorola Bipolar Power Transistor Device Data
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
5
0.2 0.3
1
2
3
100
50
Figure 2. Collector Saturation Region
3
IB, BASE CURRENT (AMP)
1
0.02 0.03
0.1
0.2
0.5
1
2
2.6
2.2
1.8
1.4
IC = 5 A
TJ = 25°C
10 A
VBE, BASE-EMITTER VOLTAGE (VOLTS)
104
103
102
101
500
70
TJ = 150°C
VCE = 5 V
100
0
+ 0.2
– 0.2
VCE = 250 V
TJ = 125°C
100
°C
25
°C
30
20
10
7
0.5 0.7
5
7
20
Figure 3. Collector–Emitter Saturation Voltage
2.4
0.2
IC, COLLECTOR CURRENT (AMP)
0.4
0.3
0.5 0.7
1
2
5
20
2
1.6
1.2
0.8
IC/IB = 10
TJ = – 55°C
7
3
Figure 4. Base–Emitter Voltage
2.8
IC, COLLECTOR CURRENT (AMP)
0.8
0.2 0.3
0.5 0.7
2.4
2
1.6
1.2
Figure 5. Collector Cutoff Region
0.4
Figure 6. Output Capacitance
VR, REVERSE VOLTAGE (VOLTS)
50
1
2
20
60
10
0.6
200
70
TJ = 25°C
Cob
1000
500
100
100
200
400
25
°C
– 55
°C
200
300
10
15 A
20 A
0.05
0.7
0.3
0.07
10
25
°C
150
°C
2
5
20
7
3
10
1
25
°C
150
°C
25
°C
TJ = – 55°C
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = 3 V
75
°C
10–1
+ 0.4
+ 0.8
+ 0.6
4
6
40
700
300
REVERSE
FORWARD
TYPICAL CHARACTERISTICS


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn