Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SBX201C Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce SBX201C
Description  S to X-Band Detector, Mixer Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBX201C Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  SBX201C Datasheet HTML 1Page - Sanyo Semicon Device SBX201C Datasheet HTML 2Page - Sanyo Semicon Device SBX201C Datasheet HTML 3Page - Sanyo Semicon Device SBX201C Datasheet HTML 4Page - Sanyo Semicon Device SBX201C Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SBX201C
No. A0628-2/5
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Reverse Voltage
VR
IR=10μA2
V
Forward Voltage
VF
IF=1mA
320
mV
Series Resistance
RS
IF=10mA
14
18
Ω
Interterminal Capacitance
C
VR=0V, f=1MHz
0.25
0.28
pF
Note 1) The specifications shown above for each individual diode.
Note 2) Pay attention to handling since it is liable to be affected by static electricity due to the high-frequency process adopted.
Ordering Information
Device
Package
Shipping
memo
SBX201C-TB-E
CP
3,000pcs./reel
Pb Free
Forward Voltage, VF -- V
IF -- VF
C -- VR
Reverse Voltage, VR -- V
0.2
0.1
2
3
5
7
1.0
0.4
0.6
0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IT12707
f=1MHz
IT12705
0
0.1
0.3
0.2
0.5
0.4
0.6
2
0.01
7
5
3
2
0.1
7
5
3
2
0.001
1.0
7
5
3
2
10
7
5
3


Numéro de pièce similaire - SBX201C

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
SBX201C SANYO-SBX201C Datasheet
43Kb / 3P
   Schottky Barrier Diode S to X-Band Detector, Mixer Applications
logo
ON Semiconductor
SBX201C ONSEMI-SBX201C Datasheet
249Kb / 5P
   Schottky Barrier Diode
September, 2013
More results

Description similaire - SBX201C

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
SBX201C SANYO-SBX201C Datasheet
43Kb / 3P
   Schottky Barrier Diode S to X-Band Detector, Mixer Applications
logo
Toshiba Semiconductor
1SS154 TOSHIBA-1SS154_07 Datasheet
204Kb / 3P
   UHF~S Band Mixer/Detector Applications
logo
Guangdong Kexin Industr...
1SS154 KEXIN-1SS154 Datasheet
33Kb / 1P
   UHF~S BAND MIXER/DETECTOR APPLICATIONS
logo
Toshiba Semiconductor
1SS154 TOSHIBA-1SS154_14 Datasheet
149Kb / 3P
   UHF-S Band Mixer/Detector Applications
1SS154 TOSHIBA-1SS154 Datasheet
95Kb / 2P
   DIODE (UHF~S BAND MIXER/DETECTOR APPLICATIONS)
logo
Sanyo Semicon Device
SBL SANYO-SBL Datasheet
56Kb / 2P
   C to Millimeter Band Mixer, Detector, Modulator Applications
SPD SANYO-SPD Datasheet
57Kb / 2P
   C to Ku Band Mixer, Detector, Modulator Applications
SGD-100T SANYO-SGD-100T Datasheet
24Kb / 2P
   C to X Band, Mixer, Modulator Applications
SGD-100 SANYO-SGD-100 Datasheet
26Kb / 2P
   C to X Band, Mixer, Modulator Applications
SGD102 SANYO-SGD102 Datasheet
25Kb / 2P
   C to X Band, Mixer, Modulator Applications
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com