Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

744731562 Fiches technique(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No de pièce 744731562
Description  WE-TIS Shielded Radial Leaded Wire Wound Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Site Internet  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744731562 Fiches technique(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744731562 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744731562 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744731562 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744731562 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744731562 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744731562 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4.1
4.0
3.0
REV
2012-06-28
2012-05-10
2011-04-07
DATE
SSt
SSt
CZ
BY
SSt
CZ
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-TIS Shielded Radial Leaded Wire
Wound Inductor
Order.- No.
744731562
SIZE
A4
Size: 8075
H4: Classification Wave Soldering Profile:
H5: Classification Wave Profile
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Typical (Tstypical)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Δ preheat to max Temperature
Peak temperature (Tp)
Time of actual peak temperature (tp)
Ramp-down rate
- Min
- Typical
- Max
Time 25°C to 25°C
Pb-Free Assembly
100°C
120°C
130°C
70 seconds
150°C max.
250°C - 260°C
max. 10 seconds
max. 5 second each wave
~ 2 K/s
~ 3.5 K/s
~ 5 K/s
4 minutes
Sn-Pb Assembly
100°C
120°C
130°C
70 seconds
150°C max.
235°C - 260°C
max. 10 seconds
max. 5 second each wave
~ 2 K/s
~ 3.5 K/s
~ 5 K/s
4 minutes
refer to EN 61760-1:2006
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Numéro de pièce similaire - 744731562

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
744731102 WURTH-744731102 Datasheet
898Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
logo
ON Semiconductor
744731102 ONSEMI-744731102 Datasheet
2Mb / 28P
   Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
March, 2021 ??Rev. 1
744731102 ONSEMI-744731102 Datasheet
2Mb / 26P
   Compact Intelligent Power Module Based Motor Evaluation Board with Interleaved Power Factor Correction
February, 2020 ??Rev. 2
logo
Wurth Elektronik GmbH &...
744731152 WURTH-744731152 Datasheet
714Kb / 7P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
001.005
744731222 WURTH-744731222 Datasheet
904Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
More results

Description similaire - 744731562

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
7447471472 WURTH-7447471472 Datasheet
934Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
7447471682 WURTH-7447471682 Datasheet
914Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
744731471 WURTH-744731471 Datasheet
907Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
744731472 WURTH-744731472 Datasheet
914Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
7447471100 WURTH-7447471100 Datasheet
888Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
7447471101 WURTH-7447471101 Datasheet
910Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
744731331 WURTH-744731331 Datasheet
897Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
7447471330 WURTH-7447471330 Datasheet
899Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
744731222 WURTH-744731222 Datasheet
904Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
7447471022 WURTH-7447471022 Datasheet
884Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com