Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM25V01-G Fiches technique(PDF) 9 Page - Cypress Semiconductor

No de pièce FM25V01-G
Description  128Kb Serial 3V F-RAM Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25V01-G Fiches technique(HTML) 9 Page - Cypress Semiconductor

Back Button FM25V01-G Datasheet HTML 5Page - Cypress Semiconductor FM25V01-G Datasheet HTML 6Page - Cypress Semiconductor FM25V01-G Datasheet HTML 7Page - Cypress Semiconductor FM25V01-G Datasheet HTML 8Page - Cypress Semiconductor FM25V01-G Datasheet HTML 9Page - Cypress Semiconductor FM25V01-G Datasheet HTML 10Page - Cypress Semiconductor FM25V01-G Datasheet HTML 11Page - Cypress Semiconductor FM25V01-G Datasheet HTML 12Page - Cypress Semiconductor FM25V01-G Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
FM25V01 - 128Kb SPI FRAM
Document Number: 001-84492 Rev. *B
Page 9 of 18
Sleep Mode
A
low
power
mode
called
Sleep
Mode
is
implemented on the FM25V01 device. The device
will enter this low power state when the SLEEP op-
code B9h is clocked-in and a rising edge of /S is
applied. Once in sleep mode, the C and D pins are
ignored and Q will be high-Z, but the device
continues to monitor the /S pin. On the next falling
edge of /S, the device will return to normal operation
within tREC (400 s max.). The Q pin remains in a hi-
Z state during the wakeup period. The device will not
necessarily respond to an opcode within the wakeup
period. To start the wakeup procedure, the controller
may send a “dummy” read, for example, and wait the
remaining tREC time. It is not recommended to start
the wakeup by asserting /S low, leaving /S low, and
issuing clocks since the device wakeup is an
asynchronous event and could misinterpret the
opcodes. It is recommended that the controller
deassert /S after each polled read opcode. Polling is
the process of looking for expected data and allows
the system to determine if the device has returned to
a normal operating condition.
Figure 12. Sleep Mode Entry
Device ID
The FM25V01 device can be interrogated for its manufacturer, product identification, and die revision. The RDID
op-code 9Fh allows the user to read the manufacturer ID and product ID, both of which are read-only bytes. The
JEDEC-assigned manufacturer ID places the Ramtron identifier in bank 7, therefore there are six bytes of the
continuation code 7Fh followed by the single byte C2h. There are two bytes of product ID, which includes a Family
code, a Density code, a Sub code, and Product Revision code.
Table 6. Manufacturer and Product ID
Bit
7
6
5
4
3
2
1
0
Hex
Manufacturer ID
0
1
1
1
1
1
1
1
7F
Continuation code
0
1
1
1
1
1
1
1
7F
Continuation code
0
1
1
1
1
1
1
1
7F
Continuation code
0
1
1
1
1
1
1
1
7F
Continuation code
0
1
1
1
1
1
1
1
7F
Continuation code
0
1
1
1
1
1
1
1
7F
Continuation code
1
1
0
0
0
0
1
0
C2
JEDEC assigned Ramtron C2h in bank 7
Family
Density
Hex
Device ID (1
st Byte)
0
0
1
0
0
0
0
1
21h
Density: 01h=128K, 02h=256K, 03h=512K, 04=1M
Sub
Rev.
Rsvd
Device ID (2
nd Byte)
0
0
0
0
0
0
0
0
00h
00h=FM25V01
Figure 13. Read Device ID
S
C
D
Q
7Fh
7Fh
C2h
00h
Six bytes of continuation code 7Fh
9Fh
21h
1
6
. . . . . . .
S
C
D
Q
Enter Sleep
Mode


Numéro de pièce similaire - FM25V01-G

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
FM25V01-G CYPRESS-FM25V01-G Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
FM25V01-GTR CYPRESS-FM25V01-GTR Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
More results

Description similaire - FM25V01-G

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25V01 CYPRESS-FM25V01 Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01_13 Datasheet
389Kb / 15P
   128Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V01 RAMTRON-FM24V01 Datasheet
317Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25V01 RAMTRON-FM25V01 Datasheet
407Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com