Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM25CL64B-DGTR Fiches technique(PDF) 8 Page - Cypress Semiconductor

No de pièce FM25CL64B-DGTR
Description  64Kb Serial 3V F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25CL64B-DGTR Fiches technique(HTML) 8 Page - Cypress Semiconductor

Back Button FM25CL64B-DGTR Datasheet HTML 4Page - Cypress Semiconductor FM25CL64B-DGTR Datasheet HTML 5Page - Cypress Semiconductor FM25CL64B-DGTR Datasheet HTML 6Page - Cypress Semiconductor FM25CL64B-DGTR Datasheet HTML 7Page - Cypress Semiconductor FM25CL64B-DGTR Datasheet HTML 8Page - Cypress Semiconductor FM25CL64B-DGTR Datasheet HTML 9Page - Cypress Semiconductor FM25CL64B-DGTR Datasheet HTML 10Page - Cypress Semiconductor FM25CL64B-DGTR Datasheet HTML 11Page - Cypress Semiconductor FM25CL64B-DGTR Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
FM25CL64B - 64Kb 3V SPI F-RAM
Rev. 3.0
Jan. 2012
Page 8 of 14
0
1
2
3
4
5
6
7
0
1
2
3
4
5
3
4
5
6
7
0
1
2
3
4
5
6
7
op-code
0
0
0
0
0
0
1
0
MSB
13-bit Address
X
X
X
12 11 10
4
3
2
1
0
7
6
5
4
3
2
1
0
LSB MSB
LSB
CS
SCK
SI
SO
Data
Figure 9. Memory Write (WREN not shown)
0
1
2
3
4
5
6
7
0
1
2
3
4
5
3
4
5
6
7
0
1
2
3
4
5
6
7
op-code
0
0
0
0
0
0
1
MSB
13-bit Address
X
X
X
12 11 10
4
3
2
1
0
7
6
5
4
3
2
1
0
LSB MSB
LSB
CS
SCK
SI
SO
Data
1
Figure 10. Memory Read
Endurance
The FM25CL64B devices are capable of being
accessed at least 10
14 times, reads or writes. An F-
RAM memory operates with a read and restore
mechanism. Therefore, an endurance cycle is applied
on a row basis for each access (read or write) to the
memory array. The F-RAM architecture is based on
an array of rows and columns. Rows are defined by
A12-A3 and column addresses by A2-A0. See Block
Diagram (pg 2) which shows the array as 1K rows of
64-bits each. The entire row is internally accessed
once whether a single byte or all eight bytes are read
or written. Each byte in the row is counted only once
in an endurance calculation. The table below shows
endurance calculations for 64-byte repeating loop,
which includes an op-code, a starting address, and a
sequential 64-byte data stream. This causes each byte
to experience one endurance cycle through the loop.
F-RAM read and write endurance is virtually
unlimited even at 20MHz clock rate.
Table 5. Time to Reach Endurance Limit for Repeating 64-byte Loop
SCK Freq
(MHz)
Endurance
Cycles/sec.
Endurance
Cycles/year
Years to Reach
Limit
20
37,310
1.18 x 10
12
85.1
10
18,660
5.88 x 10
11
170.2
5
9,330
2.94 x 10
11
340.3


Numéro de pièce similaire - FM25CL64B-DGTR

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM25CL64B-DGTR RAMTRON-FM25CL64B-DGTR Datasheet
307Kb / 14P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25CL64B-DGTR CYPRESS-FM25CL64B-DGTR Datasheet
444Kb / 17P
   64Kb Serial 3V F-RAM Memory
More results

Description similaire - FM25CL64B-DGTR

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
FM25CL64B CYPRESS-FM25CL64B_13 Datasheet
444Kb / 17P
   64Kb Serial 3V F-RAM Memory
FM24CL64B CYPRESS-FM24CL64B_13 Datasheet
342Kb / 13P
   64Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25CL64B RAMTRON-FM25CL64B Datasheet
307Kb / 14P
   64Kb Serial 3V F-RAM Memory
FM24CL64B RAMTRON-FM24CL64B Datasheet
225Kb / 12P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM25CL64B-GA CYPRESS-FM25CL64B-GA Datasheet
425Kb / 15P
   Automotive Temp. 64Kb Serial 3V F-RAM Memory
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
   64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25640B RAMTRON-FM25640B Datasheet
213Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640C RAMTRON-FM25640C Datasheet
321Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com