Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM24CL64B-DGTR Fiches technique(PDF) 3 Page - Cypress Semiconductor

No de pièce FM24CL64B-DGTR
Description  64Kb Serial 3V F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24CL64B-DGTR Fiches technique(HTML) 3 Page - Cypress Semiconductor

  FM24CL64B-DGTR Datasheet HTML 1Page - Cypress Semiconductor FM24CL64B-DGTR Datasheet HTML 2Page - Cypress Semiconductor FM24CL64B-DGTR Datasheet HTML 3Page - Cypress Semiconductor FM24CL64B-DGTR Datasheet HTML 4Page - Cypress Semiconductor FM24CL64B-DGTR Datasheet HTML 5Page - Cypress Semiconductor FM24CL64B-DGTR Datasheet HTML 6Page - Cypress Semiconductor FM24CL64B-DGTR Datasheet HTML 7Page - Cypress Semiconductor FM24CL64B-DGTR Datasheet HTML 8Page - Cypress Semiconductor FM24CL64B-DGTR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
FM24CL64B
Rev. 3.0
Jan. 2012
Page 3 of 13
Overview
The FM24CL64B is a serial F-RAM memory. The
memory array is logically organized as a 8,192 x 8 bit
memory array and is accessed using an industry
standard two-wire interface. Functional operation of
the F-RAM is similar to serial EEPROMs. The major
difference between the FM24CL64B and a serial
EEPROM with the same pinout relates to its superior
write performance.
Memory Architecture
When accessing the FM24CL64B, the user addresses
8,192 locations each with 8 data bits. These data bits
are shifted serially. The 8,192 addresses are accessed
using the two-wire protocol, which includes a slave
address (to distinguish other non-memory devices),
and an extended 16-bit address. Only the lower 13
bits are used by the decoder for accessing the
memory. The upper three address bits should be set
to 0 for compatibility with larger devices in the
future.
The access time for memory operation is essentially
zero beyond the time needed for the serial protocol.
That is, the memory is read or written at the speed of
the two-wire bus. Unlike an EEPROM, it is not
necessary to poll the device for a ready condition
since writes occur at bus speed. That is, by the time a
new bus transaction can be shifted into the part, a
write operation will be complete. This is explained in
more detail in the interface section below.
Users expect several obvious system benefits from
the FM24CL64B due to its fast write cycle and high
endurance as compared with EEPROM. However
there are less obvious benefits as well. For example
in a high noise environment, the fast-write operation
is less susceptible to corruption than an EEPROM
since it is completed quickly. By contrast, an
EEPROM
requiring
milliseconds
to
write
is
vulnerable to noise during much of the cycle.
Note that it is the user’s responsibility to ensure that
VDD is within datasheet tolerances to prevent
incorrect operation.
Two-wire Interface
The FM24CL64B employs a bi-directional two-wire
bus protocol using few pins or board space. Figure 2
illustrates a typical system configuration using the
FM24CL64B in a microcontroller-based system. The
industry standard two-wire bus is familiar to many
users but is described in this section.
By convention, any device that is sending data onto
the bus is the transmitter while the target device for
this data is the receiver. The device that is controlling
the bus is the master. The master is responsible for
generating the clock signal for all operations. Any
device on the bus that is being controlled is a slave.
The FM24CL64B always is a slave device.
The bus protocol is controlled by transition states in
the SDA and SCL signals. There are four conditions
including start, stop, data bit, or acknowledge. Figure
3 illustrates the signal conditions that specify the four
states. Detailed timing diagrams are in the electrical
specifications.
Microcontroller
SDA
SCL
FM24CL64B
A0 A1 A2
SDA
SCL
FM24CL64B
A0 A1 A2
VDD
Rmin = 1.1 Kohm
Rmax = tR/Cbus
Figure 2. Typical System Configuration


Numéro de pièce similaire - FM24CL64B-DGTR

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM24CL64B-GA RAMTRON-FM24CL64B-GA Datasheet
225Kb / 12P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B-GA CYPRESS-FM24CL64B-GA Datasheet
342Kb / 13P
   64Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL64B-GATR RAMTRON-FM24CL64B-GATR Datasheet
225Kb / 12P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B-GATR CYPRESS-FM24CL64B-GATR Datasheet
342Kb / 13P
   64Kb Serial 3V F-RAM Memory
More results

Description similaire - FM24CL64B-DGTR

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
FM25CL64B CYPRESS-FM25CL64B_13 Datasheet
444Kb / 17P
   64Kb Serial 3V F-RAM Memory
FM24CL64B CYPRESS-FM24CL64B_13 Datasheet
342Kb / 13P
   64Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25CL64B RAMTRON-FM25CL64B Datasheet
307Kb / 14P
   64Kb Serial 3V F-RAM Memory
FM24CL64B RAMTRON-FM24CL64B Datasheet
225Kb / 12P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25CL64B CYPRESS-FM25CL64B Datasheet
509Kb / 14P
   64Kb Serial 3V F-RAM Memory
FM25CL64B-GA CYPRESS-FM25CL64B-GA Datasheet
425Kb / 15P
   Automotive Temp. 64Kb Serial 3V F-RAM Memory
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
   64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25640B RAMTRON-FM25640B Datasheet
213Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640C RAMTRON-FM25640C Datasheet
321Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com