Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM23MLD16 Fiches technique(PDF) 3 Page - Cypress Semiconductor

No de pièce FM23MLD16
Description  8Mbit F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM23MLD16 Fiches technique(HTML) 3 Page - Cypress Semiconductor

  FM23MLD16 Datasheet HTML 1Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 2Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 3Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 4Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 5Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 6Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 7Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 8Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
FM23MLD16 - 512Kx16 FRAM (multi die)
Rev. 2.0
June 2012
Page 3 of 13
Functional Truth Table
1
/CE1
CE2
/WE
A(18:2)
A(1:0)
Operation
H
X
X
L
X
X
X
X
X
X
Standby/Idle
L
H
H
H
V
V
V
V
Read
L
H
H
No Change
Change
Page Mode Read
L
H
H
Change
V
Random Read
L
H
L
L
V
V
V
V
/CE-Controlled Write
2
L
H
V
V
/WE-Controlled Write
2, 3
L
H
No Change
V
Page Mode Write
4
L
H
X
X
X
X
X
X
Starts Precharge
Notes:
1)
H=Logic High, L=Logic Low, V=Valid Data, X=Don’t Care.
2)
For write cycles, data-in is latched on the rising edge of /CE1 or /WE of the falling edge of CE2, whichever comes first.
3)
/WE-controlled write cycle begins as a Read cycle and A(18:3) is latched then.
4)
Addresses A(2:0) must remain stable for at least 15 ns during page mode operation.
Byte Select Truth Table
/OE
/LB
/UB
Operation
H
X
X
Read; Outputs Disabled
X
H
H
L
H
L
Read; DQ(7:0) Hi-Z
L
H
Read; DQ(15:8) Hi-Z
L
L
Read
X
H
L
Write; Mask DQ(7:0)
L
H
Write; Mask DQ(15:8)
L
L
Write


Numéro de pièce similaire - FM23MLD16

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM23MLD16 RAMTRON-FM23MLD16 Datasheet
173Kb / 13P
   8Mbit F-RAM Memory
FM23MLD16-60-BG RAMTRON-FM23MLD16-60-BG Datasheet
173Kb / 13P
   8Mbit F-RAM Memory
More results

Description similaire - FM23MLD16

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM23MLD16 RAMTRON-FM23MLD16 Datasheet
173Kb / 13P
   8Mbit F-RAM Memory
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM22LD16 RAMTRON-FM22LD16 Datasheet
211Kb / 14P
   4Mbit F-RAM Memory
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM28V202 CYPRESS-FM28V202 Datasheet
479Kb / 18P
   2Mbit (128Kx16)F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com