Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

STD Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce STD
Description  TPS84250EVM-001 2.5-A, Integrated Power Solution
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

STD Fiches technique(HTML) 9 Page - Texas Instruments

Back Button STD Datasheet HTML 5Page - Texas Instruments STD Datasheet HTML 6Page - Texas Instruments STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments STD Datasheet HTML 10Page - Texas Instruments STD Datasheet HTML 11Page - Texas Instruments STD Datasheet HTML 12Page - Texas Instruments STD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.ti.com
List of Materials
7
List of Materials
Table 2. EVM List of Material
(1) (2) (3) (4)
COUNT
REF DES
DESCRIPTION
PART NUMBER
MFR
0
C10
Capacitor, aluminum, 35 V
DC, ±20%, 100 µF, 6.3 mm x 11 mm
ESMG350ELL101MF11D United ChemiCon
1
C11
Capacitor, ceramic, 100 V, 5%, NP0, 100 pF, 0603
C1608C0G2A101F
TDK
3
C1-3
Capacitor, ceramic, 100 V, 5%, X7R, 2.2 µF, 1210
C3225X7R2A225K
TDK
0
C4
Capacitor, ceramic, 100 V, 10%, X7R, 2200 pF, 0603
STD
STD
1
C5
Capacitor, aluminum, 100 V, 20%, 22 µF, 0.200 inch Dia.
EKZE101ELL270MHB5D United ChemiCon
4
C6-9
Capacitor, ceramic, 25 V, 10%, X7R, 22 µF, 1210
GRM32ER71E226KE15L MuRata
1
D1
Diode, Zener, 5.1 V, 500 mW, SOD-123
DDZ9689-7
Diodes Inc
1
J1
Header, male 2x4 pin, 100-mil spacing, 0.20 inch x 0.40 inch
PEC04DAAN
Sullins
1
J2
Header, male 2x5 pin, 100-mil spacing, 0.100 inch x 5 inch x 2 PEC05DAAN
Sullins
inch
1
R1
Resistor, chip, 1/10 W, 1%, 10
Ω, 0603
STD
STD
1
R10
Resistor, chip, 1/10 W, 1%, 174 k
Ω, 0603
STD
STD
1
R11
Resistor, chip, 1/10 W, 1%, 40.2 k
Ω, 0603
STD
STD
1
R12
Resistor, chip, 1/10 W, 1%, 49.9 k
Ω, 0603
STD
STD
1
R13
Resistor, chip, 1/10 W, 1%, 24.9 k
Ω, 0603
STD
STD
1
R2
Resistor, chip, 1/10 W, 1%, 36.5 k
Ω, 0603
STD
STD
1
R3
Resistor, chip, 1/10 W, 1%, 88.7 k
Ω, 0603
STD
STD
2
R4 R6
Resistor, chip, 1/10 W, 1%, 21.5 k
Ω, 0603
STD
STD
1
R5
Resistor, chip, 1/10 W, 1%, 9.76 k
Ω, 0603
STD
STD
1
R7
Resistor, chip, 1/10 W, 1%, 1.13 M, 0603
STD
STD
1
R8
Resistor, chip, 1/10 W, 1%, 267 k
Ω, 0603
STD
STD
1
R9
Resistor, chip, 1/10 W, 1%, 178 k
Ω, 0603
STD
STD
(1)
These assemblies are ESD sensitive, ESD precautions shall be observed. Use of no clean flux is not acceptable.
(2)
These assemblies must comply with workmanship standards IPC-A-610 Class 2.
(3)
Ref designators marked with an asterisk ('**') cannot be substituted. All other components can be substituted with equivalent MFG's
components.
(4)
Install label after final wash. Text shall be 8 pt font. Text shall be per Table 3.
9
SLVU460A – November 2011 – Revised July 2012
TPS84250EVM-001 2.5-A, Integrated Power Solution Evaluation Module
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn