Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS84250 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS84250
Description  7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS84250 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS84250 Datasheet HTML 4Page - Texas Instruments TPS84250 Datasheet HTML 5Page - Texas Instruments TPS84250 Datasheet HTML 6Page - Texas Instruments TPS84250 Datasheet HTML 7Page - Texas Instruments TPS84250 Datasheet HTML 8Page - Texas Instruments TPS84250 Datasheet HTML 9Page - Texas Instruments TPS84250 Datasheet HTML 10Page - Texas Instruments TPS84250 Datasheet HTML 11Page - Texas Instruments TPS84250 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
1000
10000
100000
300000
−40
−30
−20
−10
0
10
20
30
40
−120
−90
−60
−30
0
30
60
90
120
Frequency (Hz)
Gain
Phase
G000
1000
10000
100000
300000
−40
−30
−20
−10
0
10
20
30
40
−120
−90
−60
−30
0
30
60
90
120
Frequency (Hz)
Gain
Phase
G000
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
Output Current (A)
VOUT = 15 V,fSW = 1 MHz
VOUT = 12 V,fSW = 800 kHz
VOUT = 5.0 V,fSW = 500 kHz
VOUT = 3.3 V,fSW = 400 kHz
VOUT = 2.5 V,fSW = 400 kHz
G000
20
30
40
50
60
70
80
90
0
0.5
1
1.5
2
2.5
Output Current (A)
Natural Convection
All Output Voltages
G000
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
Output Current (A)
VOUT = 15 V,fSW = 1 MHz
VOUT = 12 V,fSW = 800 kHz
VOUT = 5.0 V,fSW = 500 kHz
VOUT = 3.3 V,fSW = 400 kHz
VOUT = 2.5 V,fSW = 400 kHz
G000
0
10
20
30
40
50
60
0
0.5
1
1.5
2
2.5
Output Current (A)
VOUT = 15 V,fSW = 1 MHz
VOUT = 12 V,fSW = 800 kHz
VOUT = 5.0 V,fSW = 500 kHz
VOUT = 3.3 V,fSW = 400 kHz
VOUT = 2.5 V,fSW = 400 kHz
G000
TPS84250
SLVSAR6 – AUGUST 2012
www.ti.com
TYPICAL CHARACTERISTICS (VIN = 24 V) (1) (2) (3)
Figure 7. Efficiency vs. Output Current
Figure 8. Voltage Ripple vs. Output Current
Figure 9. Power Dissipation vs. Output Current
Figure 10. Safe Operating Area
Figure 11. VOUT= 5 V, IOUT= 2 A, COUT1= 44 µF ceramic,
Figure 12. VOUT= 12 V, IOUT= 2 A, COUT1= 44 µF ceramic,
COUT2= 56 µF electrolytic, fSW= 500 kHz
COUT2= 56 µF electrolytic, fSW= 800 kHz
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 7, Figure 8, and Figure 9.
(2)
At light load the output voltage ripple may increase due to pulse skipping. See Light-Load Behavior for more information. Applies to
Figure 8.
(3)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to devices soldered directly to a 100 mm × 100 mm double-sided PCB with 1 oz. copper.
Applies to Figure 10.
8
Copyright © 2012, Texas Instruments Incorporated


Numéro de pièce similaire - TPS84250

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS84250 TI1-TPS84250 Datasheet
1,014Kb / 29P
[Old version datasheet]   7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
TPS84250EVM-001 TI1-TPS84250EVM-001 Datasheet
606Kb / 19P
[Old version datasheet]   TPS84250EVM-001 2.5-A, Integrated Power Solution
TPS84250RKG TI1-TPS84250RKG Datasheet
606Kb / 19P
[Old version datasheet]   TPS84250EVM-001 2.5-A, Integrated Power Solution
TPS84250RKGR TI1-TPS84250RKGR Datasheet
1,014Kb / 29P
[Old version datasheet]   7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
TPS84250RKGT TI1-TPS84250RKGT Datasheet
1,014Kb / 29P
[Old version datasheet]   7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
More results

Description similaire - TPS84250

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS84250 TI1-TPS84250 Datasheet
1,014Kb / 29P
[Old version datasheet]   7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS54719 TI1-TPS54719 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS84410 TI1-TPS84410 Datasheet
962Kb / 28P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
SEPTEMBER2011
TPS54719 TI-TPS54719_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54719 2.95 V To 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS84320 TI1-TPS84320 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
TPS84A20 TI-TPS84A20 Datasheet
878Kb / 30P
[Old version datasheet]   2.95-V to 17-V Input, 10-A Synchronous Buck, Integrated Power Solution
TPS84410 TI1-TPS84410_14 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
TPS84610 TI1-TPS84610 Datasheet
967Kb / 27P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84620 TI1-TPS84620 Datasheet
885Kb / 33P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com