Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54360 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54360
Description  60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54360 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS54360 Datasheet HTML 3Page - Texas Instruments TPS54360 Datasheet HTML 4Page - Texas Instruments TPS54360 Datasheet HTML 5Page - Texas Instruments TPS54360 Datasheet HTML 6Page - Texas Instruments TPS54360 Datasheet HTML 7Page - Texas Instruments TPS54360 Datasheet HTML 8Page - Texas Instruments TPS54360 Datasheet HTML 9Page - Texas Instruments TPS54360 Datasheet HTML 10Page - Texas Instruments TPS54360 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
−2.5
−2.3
−2.1
−1.9
−1.7
−1.5
−1.3
−1.1
−0.9
−0.7
−0.5
−50
−25
0
25
50
75
100
125
150
TJ − Junction Temperature (°C)
VIN = 5 V,IEN = Threshold+50mV
G011
−5
−4.9
−4.8
−4.7
−4.6
−4.5
−4.4
−4.3
−4.2
−4.1
−4
−50
−25
0
25
50
75
100
125
150
Tj − Junction Temperature (°C)
VIN = 12 V,IEN = Threshold+50mV
G012
20
30
40
50
60
70
80
90
100
110
120
−50
−25
0
25
50
75
100
125
150
TJ − Junction Temperature (°C)
VIN = 12 V
G009
1.15
1.16
1.17
1.18
1.19
1.2
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
1.29
1.3
−50
−25
0
25
50
75
100
125
150
TJ − Junction Temperature (°C)
VIN = 12 V
G010
0
500
1000
1500
2000
2500
0
50
100
150
200
RT/CLK − Resistance (k
Ω)
G007
200
250
300
350
400
450
500
−50
−25
0
25
50
75
100
125
150
TJ − Junction Temperature (°C)
VIN = 12 V
G008
TPS54360
www.ti.com
SLVSBB4C – AUGUST 2012 – REVISED OCTOBER 2012
TYPICAL CHARACTERISTICS (continued)
SWITCHING FREQUENCY vs RT/CLK RESISTANCE
LOW FREQUENCY RANGE
EA TRANSCONDUCTANCE vs JUNCTION TEMPERATURE
Figure 7.
Figure 8.
EA TRANSCONDUCTANCE DURING SOFT-START vs
JUNCTION TEMPERATURE
EN PIN VOLTAGE vs JUNCTION TEMPERATURE
Figure 9.
Figure 10.
EN PIN CURRENT vs JUNCTION TEMPERATURE
EN PIN CURRENT vs JUNCTION TEMPERATURE
Figure 11.
Figure 12.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS54360


Numéro de pièce similaire - TPS54360

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54360 TI1-TPS54360 Datasheet
314Kb / 10P
[Old version datasheet]   60 V Input, 3.5 A, Step Down Converter with Eco-mode?
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54360-Q1 TI-TPS54360-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS54360-Q1 4.5-V To 60-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode?
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
More results

Description similaire - TPS54360

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54360 TI-TPS54360_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS54360 60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54340 TI-TPS54340 Datasheet
1Mb / 43P
[Old version datasheet]   42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54360 TI1-TPS54360 Datasheet
314Kb / 10P
[Old version datasheet]   60 V Input, 3.5 A, Step Down Converter with Eco-mode?
TPS54340 TI-TPS54340_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS54340 42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54360-Q1 TI-TPS54360-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS54360-Q1 4.5-V To 60-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode?
TPS54060-EP TI1-TPS54060-EP Datasheet
2Mb / 49P
[Old version datasheet]   0.5-A, 60-V Step-Down DC/DC Converter With Eco-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com