Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM115224-3040 Fiches technique(PDF) 11 Page - ITT Industries

No de pièce DM115224-3040
Description  D Subminiature Connectors
Download  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DM115224-3040 Fiches technique(HTML) 11 Page - ITT Industries

Back Button DM115224-3040 Datasheet HTML 7Page - ITT Industries DM115224-3040 Datasheet HTML 8Page - ITT Industries DM115224-3040 Datasheet HTML 9Page - ITT Industries DM115224-3040 Datasheet HTML 10Page - ITT Industries DM115224-3040 Datasheet HTML 11Page - ITT Industries DM115224-3040 Datasheet HTML 12Page - ITT Industries DM115224-3040 Datasheet HTML 13Page - ITT Industries DM115224-3040 Datasheet HTML 14Page - ITT Industries DM115224-3040 Datasheet HTML 15Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
10
D Subminiature
D*
Straight Solder Termination (Machined) — European PC Tails
Part Numbers
Shell Size
Layout
Through Hole
Standoff #4-40 UNC
With Pushfit/Boardlock
Standoff M3 With
Pushfit/Boardlock
DE
9
DE9P-0L2-K87
DEE9P-0L2-K87-146
DEX9P-0L2-K87-146
DA
15
DA15P-0L2-K87
DAE15P-0L2-K87-146
DAX15P-0L2-K87-146
DB
25
DB25P-0L2-K87
DBE25P-0L2-K87-146
DBX25P-0L2-K87-146
DC
37
DC37P-0L2-K87
DCE37P-0L2-K87-146
DCX37P-0L2-K87-146
DD
50
DD50P-0L2-K87
DDE50P-0L2-K87-146
DDX50P-0L2-K87-146
Note: For performance class 2 add -A191. Example DA15P-OL2-A191-K87.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0.25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
6,84 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
6,84 (.269)
0,99 (.039)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
6,84 (.269)
0,99 (.039)
Plug
Engaging Face
5,69 (.224)
2,84 (.112)
L
F
W
2,84 (.112)
DD Configuration
Selection Guide
For Product Features, Specifications,
Materials and Finishes, see pages 2-3.
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 274.
For panel cutouts, see page 221.
For hardware views (European),
see page 227.
PC Tail
Modifier
X
±0,30 (.012)
Y
±0,30 (.012)
OL2
5,20 (.205)
10,20 (.401)
OL4
6,75 (.266)
11,80 (.465)
10
°
D
E
C
B
A
Ø 3,05 (.120)
POSITION 1
Ø 0,60 (.024)
Y
X


Numéro de pièce similaire - DM115224-3040

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
DM115 ETC1-DM115 Datasheet
232Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Silicon Touch Technolog...
DM115 SITI-DM115 Datasheet
304Kb / 26P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
C&K Components
DM115440-14A CK-COMPONENTS-DM115440-14A Datasheet
1Mb / 12P
   D*BM Series compliant
DM115440-15A CK-COMPONENTS-DM115440-15A Datasheet
1Mb / 12P
   D*BM Series compliant
logo
Silicon Touch Technolog...
DM115B SITI-DM115B Datasheet
239Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
More results

Description similaire - DM115224-3040

FabricantNo de pièceFiches techniqueDescription
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
ITT Industries
053515-1342 ITT-053515-1342 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0011 ITT-051528-0011 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0012 ITT-051528-0012 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-1322 ITT-053515-1322 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0016 ITT-051528-0016 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com