Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM317T Fiches technique(PDF) 1 Page - Comset Semiconductor

No de pièce LM317T
Description  3-Terminal Positive Adjustable Regulators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMSET [Comset Semiconductor]
Site Internet  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

LM317T Fiches technique(HTML) 1 Page - Comset Semiconductor

  LM317T Datasheet HTML 1Page - Comset Semiconductor LM317T Datasheet HTML 2Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LM317T
02/10/2012
COMSET SEMICONDUCTORS
1/2
3-Terminal Positive Adjustable Regulators
GENERAL DESCRIPTION
The LM317T are monolithic integrated circuits in TO220 packages.
They are intended for use as positive adjustable voltage regulators, and designed to supply
more than 1.5A of load current whit an output voltage adjustable over a 1.2 to 37V range.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
Vi-Vo
Input-Output Voltage Differential
40
V
Io
Output Current
1.5
A
PD
Power Dissipation
Internally
Limited
W
TOP
Operating Junction Temperature
0° to 125
°C
TSTG
Storage Temperature
-65° to 150
°C
THERMAL DATA
Symbol
Ratings
Value
Unit
RthJC
From Junction to Case Thermal Resistance
1.67
°C/W
RthJA
From Junction to Free-Air Thermal Resistance
62.5
CHARACTERISTICS
Vi-Vo = 5 V, IO = 500 mA, IMAX = 1.5 A, PMAX = 20 W, unless otherwise specified
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VREF
Reference Voltage
Vi-Vo = 5 V
IO = 40 to 500 mA
1.2
1.25
1.3
V
∆ V
o
Line Regulation
Vi-Vo = 3 to 40 V
IO = 500 mA
-
-
0.05
%/V
∆ V
o
Load Regulation
Vi-Vo = 5 V
IO = 10mA to 1.5 A
-
-
1
%
IADJ
Adjustment Pin Current
Vi-Vo = 5 V
IO = 40 to 500 mA
-
-
100
µA
∆ I
ADJ
Adjustment Pin Current
Vi-Vo = 3 to 40 V
IO = 40 to 500 mA
-
-
5
µA
∆ I
ADJ
Adjustment Pin Current
Vi-Vo = 5 V
IO = 10mA to 1.5 A
-
-
5
µA
SVR
Ripple Rejection
Vi-Vo = 5 V; IO= 500 m A
VO= 10 V; f= 100 Hz
CADJ = 10 µF
66
-
-
dB


Numéro de pièce similaire - LM317T

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM317T NSC-LM317T Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
logo
Tiger Electronic Co.,Lt...
LM317T TGS-LM317T Datasheet
76Kb / 1P
   3-Terminal Positive Adjustable Regulator
logo
ON Semiconductor
LM317T ONSEMI-LM317T Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
LM317T ONSEMI-LM317T Datasheet
172Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
logo
STMicroelectronics
LM317T STMICROELECTRONICS-LM317T Datasheet
99Kb / 11P
   1.2V TO 37V VOLTAGE REGULATOR
More results

Description similaire - LM317T

FabricantNo de pièceFiches techniqueDescription
logo
Comset Semiconductor
LM317K COMSET-LM317K Datasheet
74Kb / 2P
   3-Terminal Positive Adjustable Regulators
logo
Vishay Siliconix
LM317CM VISHAY-LM317CM Datasheet
123Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulators
29-Nov-01
LM317 VISHAY-LM317 Datasheet
118Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulators
30-Oct-02
logo
First Components Intern...
LM317 FCI-LM317 Datasheet
535Kb / 9P
   3-Terminal Adjustable Output positive voltage Regulators
LM317E FCI-LM317E Datasheet
538Kb / 9P
   LM317-3 Terminal Adjustable Output Positive Voltage Regulators
logo
Wing Shing Computer Com...
WS337L WINGS-WS337L Datasheet
113Kb / 1P
   3-TERMINAL ADJUSTABLE REGULATORS
logo
Texas Instruments
TL317 TI-TL317 Datasheet
120Kb / 7P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
LM237 TI-LM237_07 Datasheet
745Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
LM237 TI-LM237 Datasheet
273Kb / 10P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
logo
Wing Shing Computer Com...
LM317 WINGS-LM317 Datasheet
213Kb / 3P
   3-TERMINAL ADJUSTABLE REGULATORS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com