Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUZ71 Fiches technique(PDF) 3 Page - Comset Semiconductor

No de pièce BUZ71
Description  N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMSET [Comset Semiconductor]
Site Internet  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BUZ71 Fiches technique(HTML) 3 Page - Comset Semiconductor

  BUZ71 Datasheet HTML 1Page - Comset Semiconductor BUZ71 Datasheet HTML 2Page - Comset Semiconductor BUZ71 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BUZ71
01/10/2012
COMSET SEMICONDUCTORS
3/3
SEMICONDUCTORS
MECHANICAL DATA CASE TO-220
DIMENSIONS (mm)
Min.
Max.
A
9,90
10,30
B
15,65
15,90
C
13,20
13,40
D
6,45
6,65
E
4,30
4,50
F
2,70
3,15
G
2,60
3,00
H
15,75
17.15
L
1,15
1,40
M
3,50
3,70
N
-
1,37
P
0,46
0,55
R
2,50
2,70
S
4,98
5,08
T
2.49
2.54
U
0,70
0,90
Revised September 2012
         
 
Information furnished is believed to be accurate and reliable. However, Comset Semiconductors assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may results from its use. Data are subject to change
without notice. Comset Semiconductors makes no warranty, representation or guarantee regarding the suitability of its products for any particular
purpose, nor does Comset Semiconductors assume any liability arising out of the application or use of any product and specifically disclaims any
and all liability, including without limitation consequential or incidental damages. Comset Semiconductors’ products are not authorized for use as
critical components in life support devices or systems.
 
 
www.comsetsemi.com
info@comsetsemi.com
Pin 1 :
Gate
Pin 2 :
Drain
Pin 3 :
Source


Numéro de pièce similaire - BUZ71

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BUZ71 STMICROELECTRONICS-BUZ71 Datasheet
79Kb / 8P
   N - CHANNEL 50V - 0.085W - 17A TO-220 STripFET] POWER MOSFET
logo
Siemens Semiconductor G...
BUZ71 SIEMENS-BUZ71 Datasheet
130Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Intersil Corporation
BUZ71 INTERSIL-BUZ71 Datasheet
48Kb / 6P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFET
June 1999
logo
New Jersey Semi-Conduct...
BUZ71 NJSEMI-BUZ71 Datasheet
91Kb / 2P
   Power Field Effect Transistor
logo
List of Unclassifed Man...
BUZ71 ETC2-BUZ71 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Description similaire - BUZ71

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
IRF620 STMICROELECTRONICS-IRF620 Datasheet
184Kb / 9P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
BUZ72A STMICROELECTRONICS-BUZ72A Datasheet
112Kb / 7P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
MTH40N06 STMICROELECTRONICS-MTH40N06 Datasheet
484Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
Comset Semiconductor
IRF830 COMSET-IRF830 Datasheet
109Kb / 3P
   N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
STMicroelectronics
IRF720 STMICROELECTRONICS-IRF720 Datasheet
343Kb / 6P
   N-channel enhancement mode power mos transistors
June 1988
SGSP363 STMICROELECTRONICS-SGSP363 Datasheet
178Kb / 6P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
June 1988
SGSP591 STMICROELECTRONICS-SGSP591 Datasheet
173Kb / 5P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
June 1988
STW5NA100 STMICROELECTRONICS-STW5NA100 Datasheet
99Kb / 6P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
SGSP491 STMICROELECTRONICS-SGSP491 Datasheet
171Kb / 5P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
June 1988
SGSP361 STMICROELECTRONICS-SGSP361 Datasheet
184Kb / 6P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
June 1988
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com