Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSA7887ARZ-REEL Fiches technique(PDF) 9 Page - Touchstone Semiconductor Inc

No de pièce TSA7887ARZ-REEL
Description  A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOUCHSTONE [Touchstone Semiconductor Inc]
Site Internet  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TSA7887ARZ-REEL Fiches technique(HTML) 9 Page - Touchstone Semiconductor Inc

Back Button TSA7887ARZ-REEL Datasheet HTML 5Page - Touchstone Semiconductor Inc TSA7887ARZ-REEL Datasheet HTML 6Page - Touchstone Semiconductor Inc TSA7887ARZ-REEL Datasheet HTML 7Page - Touchstone Semiconductor Inc TSA7887ARZ-REEL Datasheet HTML 8Page - Touchstone Semiconductor Inc TSA7887ARZ-REEL Datasheet HTML 9Page - Touchstone Semiconductor Inc TSA7887ARZ-REEL Datasheet HTML 10Page - Touchstone Semiconductor Inc TSA7887ARZ-REEL Datasheet HTML 11Page - Touchstone Semiconductor Inc TSA7887ARZ-REEL Datasheet HTML 12Page - Touchstone Semiconductor Inc TSA7887ARZ-REEL Datasheet HTML 13Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TSA7887
TSA7887DS r1p0
Page 9
RTFDS
DESCRIPTION OF OPERATION
The
TSA7887
is
a
single-supply,
low-power,
single/dual-channel,
12-bit
successive-
approximation ADC
with an easy-to-use serial
interface. The ADC can be operated from a 3V
supply (2.7V to 3.6V) or from a 5V supply (4.75V to
5.25V). When operated from either a 3V or 5V
supply, the TSA7887 can operate at throughput
rates up to 125ksps when an external 2 MHz clock is
applied.
In 8-pin SOIC and MSOP packages, the TSA7887
integrates
a
2.5-V
reference,
a
high-speed
track/hold, a successive-approximation ADC, and a
serial digital interface. An external serial clock is
used to transfer data to/from the ADC and controls
the TSA7887’s conversion process. The TSA7887
can
be
configured
for
single-
or
two-channel
operation. When configured as a single-channel
ADC, the analog input range is 0 to VREF (where an
externally applied VREF, if used, can range between
1.2 V and VDD). When the TSA7887 is configured
for two-channel applications, the analog input range
on each channel is set internally from 0V to VDD.
If the TSA7887 is configured for single-channel
operation, the TSA7887 can be operated in a read-
only mode by applying a logic LOW at all times to
the DIN pin (Pin 6) or by hard-wiring the DIN pin
permanently to GND. For maximum flexibility to
address
multiple
configurations
based
on
the
application, the DIN input can be used to load ADC
configuration data from a host processor into the
TSA7887’s 8-bit Control Register.
TSA7887 Operation and Transfer Function
The TSA7887 is a successive-approximation ADC,
the core of which is a charge-redistribution DAC.
Figure 1 illustrates an equivalent circuit for the
TSA7887 in signal acquisition phase. Here, Switch
SW1 is in Position A and Switch SW2 is closed. With
the sampling capacitor’s terminals connected to the
analog input on one side and REF on the other, the
analog signal is acquired. During the acquisition
phase, the inputs to the comparator are balanced
since both inputs are connected to REF.
During the conversion phase as shown in the
equivalent circuit in Figure 2, Switch SW1 is moved
from Position A to GND at Position B and Switch
SW2 is opened. At this point in time, the inputs to
the
comparator
become
unbalanced.
The
TSA7887’s
control
logic
and
the
charge-
redistribution DAC work together to add or subtract
fixed packets of charge from the sampling capacitor
to
balance
once
again
the
comparator
input
terminals. At the time when the comparator is
rebalanced, the conversion process is complete and
the ADC’s control logic generates the ADC serial
output conversion data.
Figure 3 illustrates the ideal transfer function for the
TSA7887 where the output data is coded straight
binary. Thus, the designed code transitions occur at
successive integer LSB values (that is, at 1 LSB, at
2 LSBs, etc) where the LSB size is VREF/4096.
Figure 1:
TSA7887’s Acquisition Phase Equivalent
Circuit
Figure 2: TSA7887
’s Conversion Phase Equivalent
Circuit
Figure 3:
TSA7887’s Unipolar Transfer Function for
Straight Binary Digital Data.


Numéro de pièce similaire - TSA7887ARZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
TSA7887ARZ-REEL SILABS-TSA7887ARZ-REEL Datasheet
1Mb / 21P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
More results

Description similaire - TSA7887ARZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
TSA7887 SILABS-TSA7887 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
logo
Touchstone Semiconducto...
TS7001 TOUCHSTONE-TS7001 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
logo
Silicon Laboratories
TS7001 SILABS-TS7001 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
logo
Analog Devices
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
AD7887 AD-AD7887 Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com