Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLD327YT-2 Fiches technique(PDF) 2 Page - Sony Corporation

No de pièce SLD327YT-2
Description  3W High Power Laser Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD327YT-2 Fiches technique(HTML) 2 Page - Sony Corporation

  SLD327YT-2 Datasheet HTML 1Page - Sony Corporation SLD327YT-2 Datasheet HTML 2Page - Sony Corporation SLD327YT-2 Datasheet HTML 3Page - Sony Corporation SLD327YT-2 Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
– 2 –
SLD327YT
Optical and Electrical Characteristics
(Tth = Thermistor temperature, Tth = 25°C)
Handling Precautions
Eye protection against laser beams
The optical output of laser diodes ranges from
several mW to 10W. However the optical power
density of the laser beam at the diode chip
reaches 1.5MW/cm2. Unlike gas lasers, since
laser diode beams are divergent, uncollimated
laser diode beams are fairly safe at a laser
diode. For observing laser beams, ALWAYS use
safety goggles that block infrared rays. Usage of
IR scopes, IR cameras and fluorescent plates is
also recommended for monitoring laser beams
safely.
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Ith
Iop
Vop
λP
θ⊥
θ//
∆X, ∆Y
∆φ⊥
∆φ//
ηD
Imon
Rth
Threshold current
Operating current
Operating voltage
Wavelength∗
Radiation angle
Positional accuracy
Differential efficiency
Monitor current
Thermistor resistance
PO = 3.0W
PO = 3.0W
PO = 3.0W
PO = 3.0W
PO = 3.0W
PO = 3.0W
PO = 3.0W
VR = 10V
Tth = 25°C
790
20
5
0.5
0.2
0.6
4.0
2.4
30
10
0.85
1.1
10
2.0
6.0
3.0
840
40
20
±100
±3
±4
1.5
4.0
A
A
V
nm
degree
degree
µm
degree
degree
W/A
mA
k
Perpendicular
Parallel
Position
Angle
∗Wavelength Selection
Type
SLD327YT-1
SLD327YT-2
SLD327YT-3
Wavelength (nm)
795 ± 5
810 ± 10
830 ± 10
Type
SLD327YT-21
SLD327YT-24
SLD327YT-25
Wavelength (nm)
798 ± 3
807 ± 3
810 ± 3
Safety goggles for
protection from
laser beam
IR fluorescent plate
Optical
material
Lens
Laser diode
Optical board
Optical power output control device
Temperature control device


Numéro de pièce similaire - SLD327YT-2

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
SLD322V SONY-SLD322V Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD322V-1 SONY-SLD322V-1 Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD322V-2 SONY-SLD322V-2 Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD322V-21 SONY-SLD322V-21 Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD322V-24 SONY-SLD322V-24 Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
More results

Description similaire - SLD327YT-2

FabricantNo de pièceFiches techniqueDescription
logo
Bookham, Inc.
MU3-808-01 BOOKHAM-MU3-808-01 Datasheet
394Kb / 4P
   3W 808nm Uncooled Multimode Laser Diode Module
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
   High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
   High Power Laser Diode
logo
Lumics GmbH
LU1030T030 LUMICS-LU1030T030 Datasheet
259Kb / 2P
   Industrial Laser Diode Up to 3w Operation Power @ 1030nm / 50um fiber
2018-06-14
logo
Sony Corporation
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
   200mW High Power Laser Diode
SLD301XT SONY-SLD301XT Datasheet
98Kb / 8P
   100mW High Power Laser Diode
logo
Roithner LaserTechnik G...
RLT9830MG ROITHNER-RLT9830MG Datasheet
294Kb / 1P
   high power infrared laser diode
RLT1300-20G ROITHNER-RLT1300-20G Datasheet
107Kb / 2P
   high power infrared laser diode
RLT1550-30G ROITHNER-RLT1550-30G Datasheet
54Kb / 1P
   high power infrared laser diode
ADL-63V0BTP ROITHNER-ADL-63V0BTP Datasheet
248Kb / 1P
   high power red laser diode
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com