Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLD323XT-21 Fiches technique(PDF) 4 Page - Sony Corporation

No de pièce SLD323XT-21
Description  1W High Power Laser Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD323XT-21 Fiches technique(HTML) 4 Page - Sony Corporation

  SLD323XT-21 Datasheet HTML 1Page - Sony Corporation SLD323XT-21 Datasheet HTML 2Page - Sony Corporation SLD323XT-21 Datasheet HTML 3Page - Sony Corporation SLD323XT-21 Datasheet HTML 4Page - Sony Corporation SLD323XT-21 Datasheet HTML 5Page - Sony Corporation SLD323XT-21 Datasheet HTML 6Page - Sony Corporation SLD323XT-21 Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
– 4 –
SLD323XT
Temperature dependence of far field pattern
(Perpendicular to junction)
Angle [degree]
–90
–60
–30
0
30
60
90
PO = 1000mW
Tth = 25
°C
Tth = 10
°C
Tth = –5
°C
790
800
820
810
Dependence of wavelength
Tth – Thermistor temperature [
°C]
–10
0
10
20
30
Po = 1000mW
0
0.5
1.0
Differential efficiency vs. Temperature characteristics
Tth – Thermistor temperature [
°C]
–10
0
10
20
30
0
10
5
0
50
∆T – Temperature difference [°C]
∆T: Tc – Tth
Tth: Thermistor temperature
Tc: Case temperature
TE cooler characteristics 1
100
Tc = 33
°C
2.0A
1.5A
2.0A
∆T VS VT
0.5A
5
4
3
2
1
0
1.0A
IT = 2.5A
50
10
5
1
–10 0
10 20 30 40 50 60 70
Thermistor characteristics
Tth – Thermistor temperature [
°C]
10
5
5
4
3
2
1
0
50
∆T – Temperature difference [°C]
TE cooler characteristics 2
100
Tth = 25
°C
IT = 2.5A
2.0A
1.5A
1.0A
2.5
A
2.0A
1.5
A
1.0
A
0.5
A
∆T VS V
T
VS
Q
0
0.5A
TE cooler characteristics


Numéro de pièce similaire - SLD323XT-21

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
SLD3232VF SONY-SLD3232VF Datasheet
136Kb / 2P
   Laser Diode
logo
List of Unclassifed Man...
SLD3233VF ETC2-SLD3233VF Datasheet
54Kb / 2P
   High-Power Blue-Violet Laser Diode for Blu-ray Discs
logo
Roithner LaserTechnik G...
SLD3235VF ROITHNER-SLD3235VF Datasheet
490Kb / 3P
   Violet Laser Diode
SLD3236VF ROITHNER-SLD3236VF Datasheet
490Kb / 3P
   Violet Laser Diode
logo
Sony Corporation
SLD323V SONY-SLD323V Datasheet
68Kb / 7P
   High Power Density 1W Laser Diode
More results

Description similaire - SLD323XT-21

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
SLD333V SONY-SLD333V Datasheet
47Kb / 4P
   1W High Power Laser Diode
SLD332F SONY-SLD332F Datasheet
89Kb / 5P
   1W High Power Laser Diode
SLD1324ZT SONY-SLD1324ZT Datasheet
175Kb / 7P
   High-Power Density 1W Laser Diode
SLD323V SONY-SLD323V Datasheet
68Kb / 7P
   High Power Density 1W Laser Diode
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
   High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
   High Power Laser Diode
logo
Sony Corporation
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
   200mW High Power Laser Diode
SLD301XT SONY-SLD301XT Datasheet
98Kb / 8P
   100mW High Power Laser Diode
logo
Roithner LaserTechnik G...
RLT9830MG ROITHNER-RLT9830MG Datasheet
294Kb / 1P
   high power infrared laser diode
RLT1300-20G ROITHNER-RLT1300-20G Datasheet
107Kb / 2P
   high power infrared laser diode
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com