Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD01358 Fiches technique(PDF) 1 Page - Winchester Electronics Corporation

No de pièce SD01358
Description  POWERSNAP RIGHT ANGLE SOLDER MOUNT 12 AWG, 30 AMP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINCHESTER [Winchester Electronics Corporation]
Site Internet  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SD01358 Fiches technique(HTML) 1 Page - Winchester Electronics Corporation

  SD01358 Datasheet HTML 1Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.218-.000
+.010 5.54
.00
+.25
ACROSS FLATS
6. REFER TO CAP10-01 FOR CABLE ASSEMBLY PROCEDURE.
NOTES: UNLESS OTHERWISE SPECIFIED
1. FOR GENERAL SERIES SPECIFICATIONS, SEE SD74-0000.
2. MATERIAL SPECIFICATIONS: BRASS PER ASTM B16.
3. FINISH SPECIFICATIONS:
.000030 MIN. GOLD PER ASTM B488 OVER .000050 MIN. NICKEL PER AMS QQ-N-290.
4. ELECTRICAL SPECIFICATIONS:
CURRENT RATING: 30 AMPS
5. SUGGESTED FOR USE WITH 12 GA WIRE OR EQUIVALENT.
CATALOG P/N: 01358
DECIMAL: .XX [X.X] ± .01 [0.3]
.XXX [X.XX] ± .005 [0.13]
DATE APPD
BY
ER 11418
DESCRIPTION
G
REV
08/12/03
JED
DATE
APPROVED
08/16/03
MG
DATE
APPROVED
08/16/03
CWB
DATE
APPROVED
08/12/03
JEM
DATE
DRAWN
REVISED PER
DRAWING
CUSTOMER
ANGLES: ± 2°
SCALE: 8:1
PER ASME Y14.5M-1994
UNLESS OTHERWISE SPECIFIED:
DIMENSIONS ARE IN INCHES [MM]
TOLERANCES:
Winchester Electronics Corporation
62 Barnes Industrial Road North
Wallingford, Connecticut 06492
OF
A
SHT
1
12 AWG, 30 AMP
REV
G
SD01358
POWERSNAP
RIGHT ANGLE SOLDER MOUNT
1
3.66±.03
±.003
±.08
2.67
6.99
.275
.105
.167 4.24
.144±.001
.144 3.66
RECOMMENDED CABLE TRIM DIMENSIONS
SCALE: 2:1
6.35
.250
.095
MAX
2.41


Numéro de pièce similaire - SD01358

FabricantNo de pièceFiches techniqueDescription
logo
Winchester Electronics ...
SD01359 WINCHESTER-SD01359 Datasheet
144Kb / 1P
   POWERSNAP RIGHT ANGLE SOLDER MOUNT 12 AWG, 30 AMP
More results

Description similaire - SD01358

FabricantNo de pièceFiches techniqueDescription
logo
Winchester Electronics ...
01358 WINCHESTER-01358 Datasheet
28Kb / 1P
   POWERSNAP RIGHT ANGLE SOLDER MOUNT 12 AWG, 30 AMP
01359 WINCHESTER-01359 Datasheet
144Kb / 1P
   POWERSNAP RIGHT ANGLE SOLDER MOUNT 12 AWG, 30 AMP
SD01359 WINCHESTER-SD01359 Datasheet
144Kb / 1P
   POWERSNAP RIGHT ANGLE SOLDER MOUNT 12 AWG, 30 AMP
SD01361 WINCHESTER-SD01361 Datasheet
71Kb / 1P
   POWERSNAP RIGHT ANGLE SOLDER MOUNT 10 AWG, 30 AMP
SD01362 WINCHESTER-SD01362 Datasheet
73Kb / 1P
   POWERSNAP RIGHT ANGLE SOLDER MOUNT 10 AWG, 30 AMP
01361 WINCHESTER-01361 Datasheet
71Kb / 1P
   POWERSNAP RIGHT ANGLE SOLDER MOUNT 10 AWG, 30 AMP
01362 WINCHESTER-01362 Datasheet
73Kb / 1P
   POWERSNAP RIGHT ANGLE SOLDER MOUNT 10 AWG, 30 AMP
01332 WINCHESTER-01332 Datasheet
27Kb / 1P
   POWERSNAP RIGHT ANGLE SOLDER MOUNT 14 AWG, 20 AMP
SD01332 WINCHESTER-SD01332 Datasheet
27Kb / 1P
   POWERSNAP RIGHT ANGLE SOLDER MOUNT 14 AWG, 20 AMP
SD01348 WINCHESTER-SD01348 Datasheet
29Kb / 1P
   POWERSNAP RIGHT ANGLE SOLDER MOUNT 20 AMP, 14 AWG
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com