Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLD304XT-1 Fiches technique(PDF) 7 Page - Sony Corporation

No de pièce SLD304XT-1
Description  1000mW High Power Laser Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD304XT-1 Fiches technique(HTML) 7 Page - Sony Corporation

  SLD304XT-1 Datasheet HTML 1Page - Sony Corporation SLD304XT-1 Datasheet HTML 2Page - Sony Corporation SLD304XT-1 Datasheet HTML 3Page - Sony Corporation SLD304XT-1 Datasheet HTML 4Page - Sony Corporation SLD304XT-1 Datasheet HTML 5Page - Sony Corporation SLD304XT-1 Datasheet HTML 6Page - Sony Corporation SLD304XT-1 Datasheet HTML 7Page - Sony Corporation SLD304XT-1 Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
– 7 –
SLD304XT
∆T : Tc – Tth
Tth: Thermistor temperature
Tc : Case temperature
0
0
3
5
4
1
2
5
10
TE cooler characteristics 1
∆T – Temperature difference [°C]
0
50
100
0
0
3
5
4
1
2
5
10
TE cooler characteristics 2
∆T – Temperature difference [°C]
0
50
100
1
5
10
50
Termistor characteristics
Tth – Thermistor temperature [
°C]
–10 0
10 20 30 40 50 60 70
Wavelength [nm]
795
805
815
Tth = 25
°C
Tc = 33
°C
Tc = 25
°C
Wavelength [nm]
795
805
815
Tth = 30
°C
IT = 2.5A
1.5A
2.0A
1.0A
0.5A
2.0A
∆T vs V
IT = 2.5A
1.5A
2.0A
1.0A
0.5A
0.5
A
1.0
A
1.5
A
2.5
A
2.0A
∆T vs V
T
vs
Q
TE cooler characteristics


Numéro de pièce similaire - SLD304XT-1

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
SLD304B SONY-SLD304B Datasheet
64Kb / 7P
   Block-type 1000mW High Power Laser Diode
SLD304V SONY-SLD304V Datasheet
156Kb / 7P
   1000mW High Power Laser Diode?
SLD304V-1 SONY-SLD304V-1 Datasheet
156Kb / 7P
   1000mW High Power Laser Diode?
SLD304V-2 SONY-SLD304V-2 Datasheet
156Kb / 7P
   1000mW High Power Laser Diode?
SLD304V-21 SONY-SLD304V-21 Datasheet
156Kb / 7P
   1000mW High Power Laser Diode?
More results

Description similaire - SLD304XT-1

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
SLD304V SONY-SLD304V Datasheet
156Kb / 7P
   1000mW High Power Laser Diode?
SLD304B SONY-SLD304B Datasheet
64Kb / 7P
   Block-type 1000mW High Power Laser Diode
logo
DB Lectro Inc
8013-2323-AU DBLECTRO-8013-2323-AU Datasheet
67Kb / 1P
   808nm 1000mW IR Laser Diodes AUTO PACKAGE
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
   High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
   High Power Laser Diode
logo
Sony Corporation
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
   200mW High Power Laser Diode
SLD301XT SONY-SLD301XT Datasheet
98Kb / 8P
   100mW High Power Laser Diode
logo
Roithner LaserTechnik G...
RLT9830MG ROITHNER-RLT9830MG Datasheet
294Kb / 1P
   high power infrared laser diode
RLT1300-20G ROITHNER-RLT1300-20G Datasheet
107Kb / 2P
   high power infrared laser diode
RLT1550-30G ROITHNER-RLT1550-30G Datasheet
54Kb / 1P
   high power infrared laser diode
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com