Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIZ728DT Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SIZ728DT
Description  N-Channel 25 V (D-S) MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIZ728DT Fiches technique(HTML) 1 Page - Vishay Siliconix

  SIZ728DT_12 Datasheet HTML 1Page - Vishay Siliconix SIZ728DT_12 Datasheet HTML 2Page - Vishay Siliconix SIZ728DT_12 Datasheet HTML 3Page - Vishay Siliconix SIZ728DT_12 Datasheet HTML 4Page - Vishay Siliconix SIZ728DT_12 Datasheet HTML 5Page - Vishay Siliconix SIZ728DT_12 Datasheet HTML 6Page - Vishay Siliconix SIZ728DT_12 Datasheet HTML 7Page - Vishay Siliconix SIZ728DT_12 Datasheet HTML 8Page - Vishay Siliconix SIZ728DT_12 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Vishay Siliconix
SiZ728DT
New Product
Document Number: 67694
S11-2379-Rev. B, 28-Nov-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-Channel 25 V (D-S) MOSFETs
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFETs
•100 % Rg and UIS Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
System Power
- Notebook
- Server
POL
Synchronous Buck Converter
Notes:
a. Package limited.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. See solder profile (www.vishay.com/doc?73257). The PowerPAIR is a leadless package. The end of the lead terminal is exposed copper (not
plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required
to ensure adequate bottom side solder interconnection.
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under steady state conditions is 67 °C/W for channel-1 and 65 °C/W for channel-2.
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A) Qg (Typ.)
Channel-1
25
0.0077 at VGS = 10 V
16a
8.1 nC
0.0110 at VGS = 4.5 V
16a
Channel-2
25
0.0035 at VGS = 10 V
35a
20.5 nC
0.0048 at VGS = 4.5 V
35a
Ordering Information:
SiZ728DT-T1-GE3 (Lead (Pb)-free and Halogen-free)
G1
G2
S2
S2
D1
D1
1
6
5
4
2
3
3.73 mm
6 mm
PowerPAIR® 6 x 3.7
D1
S1/D2
Pin 1
(Pin 7)
D1
S2
N-Channel 2
MOSFET
N-Channel 1
MOSFET
G1
S1/D2
G2
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Channel-1
Channel-2
Unit
Drain-Source Voltage
VDS
25
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
16a
35a
A
TC = 70 °C
16a
35a
TA = 25 °C
16a, b, c
28.8b, c
TA = 70 °C
14.2b, c
23b, c
Pulsed Drain Current (t = 300 µs)
IDM
70
100
Continuous Source Drain Diode Current
TC = 25 °C
IS
16a
35a
TA = 25 °C
3.2b, c
3.8b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
18
30
Single Pulse Avalanche Energy
EAS
16
45
mJ
Maximum Power Dissipation
TC = 25 °C
PD
27
48
W
TC = 70 °C
17
31
TA = 25 °C
3.9b, c
4.6b, c
TA = 70 °C
2.5b, c
3b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Channel-1
Channel-2
Unit
Typ.
Max.
Typ.
Max.
Maximum Junction-to-Ambientb, f
t
 10 s
RthJA
24
32
20
27
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
3.5
4.6
2
2.6


Numéro de pièce similaire - SIZ728DT_12

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SIZ728DT-T1-GE3 VISHAY-SIZ728DT-T1-GE3 Datasheet
210Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
Rev. A, 04-Apr-11
SIZ728DT VISHAY-SIZ728DT_V01 Datasheet
215Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
08-Feb-17
More results

Description similaire - SIZ728DT_12

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SIZ728DT VISHAY-SIZ728DT Datasheet
210Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
Rev. A, 04-Apr-11
SIZ728DT VISHAY-SIZ728DT_V01 Datasheet
215Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
08-Feb-17
SIRA22DP VISHAY-SIRA22DP Datasheet
255Kb / 9P
   N-Channel 25 V (D-S) MOSFETs
01-Jan-2022
logo
Vishay Telefunken
SIZ728DT TFUNK-SIZ728DT Datasheet
211Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ320DT VISHAY-SIZ320DT Datasheet
368Kb / 14P
   Dual N-Channel 25 V (D-S) MOSFETs
08-Feb-17
SIZ926DT VISHAY-SIZ926DT Datasheet
236Kb / 14P
   Dual N-Channel 25 V (D-S) MOSFETs
01-Jan-2022
SIZ328DT VISHAY-SIZ328DT Datasheet
391Kb / 14P
   Dual N-Channel 25 V (D-S) MOSFETs
01-Jan-2022
VN2010L VISHAY-VN2010L Datasheet
45Kb / 4P
   N-Channel 200-V (D-S) MOSFETs
Rev. C, 16-Jul-01
SIZ730DT VISHAY-SIZ730DT_12 Datasheet
211Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ720DT VISHAY-SIZ720DT_V01 Datasheet
193Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com