Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLD1134VL Fiches technique(PDF) 3 Page - Sony Corporation

No de pièce SLD1134VL
Description  650nm Pulsation Red Laser Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD1134VL Fiches technique(HTML) 3 Page - Sony Corporation

  SLD1134VL Datasheet HTML 1Page - Sony Corporation SLD1134VL Datasheet HTML 2Page - Sony Corporation SLD1134VL Datasheet HTML 3Page - Sony Corporation SLD1134VL Datasheet HTML 4Page - Sony Corporation SLD1134VL Datasheet HTML 5Page - Sony Corporation SLD1134VL Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
– 3 –
SLD1134VL
Example of Representative Characteristics
Threshold current vs. Temperature characteristics
Tc – Case temperature [
°C]
0
20
40
60
80
–20
0
20
40
60
80
–20
200
100
10
Optical power output vs. Forward current characteristics
Optical power output vs. Monitor current characteristics
IF – Forward current [mA]
0
20
Imon – Monitor current [mA]
40
0
0.2
60
80
100
5
Tc = 0
Imon
25 60 70
°C
Tc = 0 25 60 70
°C
4
3
2
1
0
Monitor current vs. Temperature characteristics
Tc – Case temperature [
°C]
0
0.1
0.2
Po = 4mW
–40
–20
0
20
40
Far field pattern (FFP)
Angle [degree]
0
Po = 4mW
Tc = 25
°C
θ⊥
θ//


Numéro de pièce similaire - SLD1134VL

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
SLD1131VS SONY-SLD1131VS Datasheet
81Kb / 6P
   Index-Guided Red Laser Diode
SLD1132VS SONY-SLD1132VS Datasheet
86Kb / 6P
   635nm Red Laser Diode
SLD1133VL SONY-SLD1133VL Datasheet
113Kb / 6P
   650nm Index-Guided Red Laser Diode
SLD1133VL-53 SONY-SLD1133VL-53 Datasheet
91Kb / 6P
   650nm Index-Guided Red Laser Diode
SLD1133VS SONY-SLD1133VS Datasheet
91Kb / 6P
   650nm Index-Guided Red Laser Diode
More results

Description similaire - SLD1134VL

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
SLD1138VL SONY-SLD1138VL Datasheet
43Kb / 4P
   650nm Multimode Red Laser Diode
logo
Rohm
RLD65NZX1 ROHM-RLD65NZX1 Datasheet
1Mb / 9P
   650nm Red Single Mode Laser Diode
RLD65PZX3 ROHM-RLD65PZX3 Datasheet
711Kb / 9P
   650nm Red Single Mode Laser Diode
logo
Sony Corporation
SLD1133VL-53 SONY-SLD1133VL-53 Datasheet
91Kb / 6P
   650nm Index-Guided Red Laser Diode
SLD1137VS SONY-SLD1137VS Datasheet
67Kb / 6P
   650nm Index-Guided Red Laser Diode
logo
Rohm
RLD65MZT7 ROHM-RLD65MZT7 Datasheet
712Kb / 9P
   650nm Red Single Mode Laser Diode
RLD65NZN5 ROHM-RLD65NZN5 Datasheet
930Kb / 9P
   650nm Red Single Mode Laser Diode
2023.6 - Rev.002
RLD65NZX2 ROHM-RLD65NZX2 Datasheet
713Kb / 9P
   650nm Red Single Mode Laser Diode
RLD65PZX2 ROHM-RLD65PZX2 Datasheet
714Kb / 9P
   650nm Red Single Mode Laser Diode
logo
Sony Corporation
SLD1135VS SONY-SLD1135VS Datasheet
60Kb / 3P
   650nm Index-Guided Red Laser Diode
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com