Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP127 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce TIP127
Description  PNP Epitaxial Darlington Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIP127 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  TIP127_08 Datasheet HTML 1Page - Fairchild Semiconductor TIP127_08 Datasheet HTML 2Page - Fairchild Semiconductor TIP127_08 Datasheet HTML 3Page - Fairchild Semiconductor TIP127_08 Datasheet HTML 4Page - Fairchild Semiconductor TIP127_08 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
TIP125/TIP126/TIP127 Rev. 1.0.0
1
October 2008
TIP125/TIP126/TIP127
PNP Epitaxial Darlington Transistor
• Medium Power Linear Switching Applications
• Complementary to TIP120/121/122
Absolute Maximum Ratings* T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Symbol
Parameter
Ratings
Units
VCBO
Collector-Base Voltage
: TIP125
: TIP126
: TIP127
- 60
- 80
- 100
V
V
V
VCEO
Collector-Emitter Voltage : TIP125
: TIP126
: TIP127
- 60
- 80
- 100
V
V
V
VEBO
Emitter-Base Voltage
- 5
V
IC
Collector Current (DC)
- 5
A
ICP
Collector Current (Pulse)
- 8
A
IB
Base Current (DC)
- 120
mA
PC
Collector Dissipation (Ta=25°C)
2
W
Collector Dissipation (TC=25°C)
65
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
1.Base
2.Collector
3.Emitter
1
TO-220
Equivalent Circuit
B
E
C
R1
R2
R1
8k
W
@
R2
0.12k
W
@


Numéro de pièce similaire - TIP127_08

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TIP127 UTC-TIP127_09 Datasheet
217Kb / 4P
   PNP EPITAXIAL TRANSISTOR
More results

Description similaire - TIP127_08

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FJPF9020 FAIRCHILD-FJPF9020 Datasheet
63Kb / 5P
   PNP Epitaxial Darlington Transistor
TIP125TU FAIRCHILD-TIP125TU Datasheet
168Kb / 5P
   PNP Epitaxial Darlington Transistor
TIP146TU FAIRCHILD-TIP146TU Datasheet
175Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
TIP107TU FAIRCHILD-TIP107TU Datasheet
550Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
TIP147TU FAIRCHILD-TIP147TU Datasheet
175Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
TIP147TTU FAIRCHILD-TIP147TTU Datasheet
601Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
logo
KEC(Korea Electronics)
MPSA77 KEC-MPSA77 Datasheet
65Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (DARLINGTON TRANSISTOR)
logo
Fairchild Semiconductor
TIP105TU FAIRCHILD-TIP105TU Datasheet
550Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
logo
Continental Device Indi...
CSB1626 CDIL-CSB1626 Datasheet
313Kb / 3P
   PNP SILICON EPITAXIAL POWER DARLINGTON TRANSISTOR
logo
Renesas Technology Corp
2SB963-Z RENESAS-2SB963-Z_15 Datasheet
739Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION)
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com