Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP140T Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce TIP140T
Description  NPN Epitaxial Silicon Darlington Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIP140T Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  TIP140T_09 Datasheet HTML 1Page - Fairchild Semiconductor TIP140T_09 Datasheet HTML 2Page - Fairchild Semiconductor TIP140T_09 Datasheet HTML 3Page - Fairchild Semiconductor TIP140T_09 Datasheet HTML 4Page - Fairchild Semiconductor TIP140T_09 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
TIP140T / TIP141T / TIP142T Rev. B2
2
Electrical Characteristics T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
Collector-Emitter Sustaining Voltage
: TIP140T
: TIP141T
: TIP142T
IC = 30mA, IB = 0
60
80
100
V
V
V
ICEO
Collector Cut-off Current
: TIP140T
: TIP141T
: TIP142T
VCE = 30V, IB = 0
VCE = 40V, IB = 0
VCE = 50V, IB = 0
2
2
2
mA
mA
mA
ICBO
Collector Cut-off Current
: TIP140T
: TIP141T
: TIP142T
VCB = 60V, IE = 0
VCB = 80V, IE = 0
VCB = 100V, IE = 0
1
1
1
mA
mA
mA
IEBO
Emitter Cut-off Current
VBE = 5V, IC = 0
2
mA
hFE
DC Current Gain
VCE = 4V, IC = 5A
VCE =4V, IC = 10A
1000
500
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 5A, IB = 10mA
IC = 10A, IB = 40mA
2
3
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 10A, IB = 40mA
3.5
V
VBE(on)
Base-Emitter On Voltage
VCE = 4V, IC = 10A
3
V
tD
Delay Time
VCC = 30V, IC = 5A
IB1 = 20mA
IB2 = -20mA
RL = 6Ω
0.15
µs
tR
Rise Time
0.55
µs
tSTG
Storage Time
2.5
µs
tF
Fall Time
2.5
µs


Numéro de pièce similaire - TIP140T_09

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TIP140T TAI-SAW-TIP140T_11 Datasheet
574Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
More results

Description similaire - TIP140T_09

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
2SD1210 ETC-2SD1210 Datasheet
41Kb / 1P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
2SD1392 ETC-2SD1392 Datasheet
69Kb / 2P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
TIP140T NJSEMI-TIP140T Datasheet
69Kb / 2P
   NPN Epitaxial Silicon Darlington Transistor
logo
Fairchild Semiconductor
KSP13BU FAIRCHILD-KSP13BU Datasheet
39Kb / 4P
   NPN Epitaxial Silicon Darlington Transistor
495220TU FAIRCHILD-495220TU Datasheet
99Kb / 2P
   NPN Epitaxial Silicon Darlington Transistor
KSE800 FAIRCHILD-KSE800 Datasheet
73Kb / 3P
   NPN EPITAXIAL SILICON DARLINGTON TRANSISTOR
logo
List of Unclassifed Man...
2SD1672 ETC-2SD1672 Datasheet
34Kb / 1P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
TIP100 FAIRCHILD-TIP100_08 Datasheet
551Kb / 5P
   NPN Epitaxial Silicon Darlington Transistor
logo
List of Unclassifed Man...
2SD1297 ETC-2SD1297 Datasheet
38Kb / 1P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
logo
Tiger Electronic Co.,Lt...
MJE802G TGS-MJE802G Datasheet
214Kb / 1P
   NPN Epitaxial Silicon Darlington Transistor
logo
List of Unclassifed Man...
2SD1309 ETC-2SD1309 Datasheet
63Kb / 2P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com