Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCX18N00B Fiches technique(PDF) 4 Page - Sony Corporation

No de pièce MCX18N00B
Description  Micro Unit CCD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

MCX18N00B Fiches technique(HTML) 4 Page - Sony Corporation

  MCX18N00B Datasheet HTML 1Page - Sony Corporation MCX18N00B Datasheet HTML 2Page - Sony Corporation MCX18N00B Datasheet HTML 3Page - Sony Corporation MCX18N00B Datasheet HTML 4Page - Sony Corporation MCX18N00B Datasheet HTML 5Page - Sony Corporation MCX18N00B Datasheet HTML 6Page - Sony Corporation MCX18N00B Datasheet HTML 7Page - Sony Corporation MCX18N00B Datasheet HTML 8Page - Sony Corporation MCX18N00B Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
– 4 –
MCX18N00A/MCX18N00B
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
RESETTG
CSROM
CASI
SO
SI
SCK
XCLR
AVDD6
4FSCI
4FSCO
AGND
PCOMP
VD
HD
DGND
DGND
DGND
CCDOUT
VBC
VREFC
IREFC
VGC
AVDD5
IOC
IOY
VGY
IREFY
VREFY
VBY
I
O
I
O
I
I
I
I
O
O
O
O
O
I
O
O
I
Reset pin (active low) with pull-up resistor for timing generator.
EEPROM chip select.
Serial communication data input for peripheral ICs (EVR, EEPROM).
Serial communication data output.
Serial communication data input.
Serial communication clock input.
Initialization pin (active low). EEPROM re-read.
+3.3V power supply for 4fsc oscillator.
4fsc oscillator input.
4fsc oscillator output.
Analog GND
Phase comparison output for PLL lock.
Vertical sync output.
Horizontal sync output.
Digital GND
Digital GND
Digital GND
CCD image sensor buffer output.
D/A converter peripheral circuit connection pins for chroma signal.
+5V power supply for D/A converter.
Chroma signal output.
Luminance signal output.
D/A converter peripheral circuit connection pins for luminance signal.
Pin
No.
Symbol
I/O
Description


Numéro de pièce similaire - MCX18N00B

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
MCX18LG0A SONY-MCX18LG0A Datasheet
238Kb / 23P
   Micro Unit CCD
MCX18LG0B SONY-MCX18LG0B Datasheet
238Kb / 23P
   Micro Unit CCD
More results

Description similaire - MCX18N00B

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
MCX18LG0A SONY-MCX18LG0A Datasheet
238Kb / 23P
   Micro Unit CCD
logo
Hitachi Semiconductor
HD68000 HITACHI-HD68000 Datasheet
5Mb / 85P
   MPU(MICRO PROCESSING UNIT)
HD6809 HITACHI-HD6809 Datasheet
2Mb / 33P
   MCU (MICRO PROCESSING UNIT)
logo
List of Unclassifed Man...
AMU-C ETC-AMU-C Datasheet
86Kb / 1P
   Micro EM Clutch/Brake Unit
MP ETC-MP Datasheet
122Kb / 1P
   Micro EM Clutch/Brake Unit
logo
Hitachi Semiconductor
HD63B09 HITACHI-HD63B09 Datasheet
2Mb / 45P
   CMOS MPU(MICRO PROCESSING UNIT)
logo
Panasonic Semiconductor
BR2330AVA PANASONIC-BR2330AVA Datasheet
19Kb / 1P
   Lithium and Micro Battery Business Unit
BR1225AHB PANASONIC-BR1225AHB Datasheet
23Kb / 1P
   Lithium and Micro Battery Business Unit
BR2477AHB PANASONIC-BR2477AHB Datasheet
19Kb / 1P
   Lithium and Micro Battery Business Unit
BR1225AFA PANASONIC-BR1225AFA Datasheet
21Kb / 1P
   Lithium and Micro Battery Business Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com