Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSB50450A Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce FSB50450A
Description  Smart Power Module (SPM짰)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50450A Fiches technique(HTML) 8 Page - Fairchild Semiconductor

Back Button FSB50450A Datasheet HTML 2Page - Fairchild Semiconductor FSB50450A Datasheet HTML 3Page - Fairchild Semiconductor FSB50450A Datasheet HTML 4Page - Fairchild Semiconductor FSB50450A Datasheet HTML 5Page - Fairchild Semiconductor FSB50450A Datasheet HTML 6Page - Fairchild Semiconductor FSB50450A Datasheet HTML 7Page - Fairchild Semiconductor FSB50450A Datasheet HTML 8Page - Fairchild Semiconductor FSB50450A Datasheet HTML 9Page - Fairchild Semiconductor FSB50450A Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
www.fairchildsemi.com
FSB50450A Rev. A
Note:
1. About pin position, refer to Figure 2.
2. RC coupling(R5 and C5, R4 and C6) and C4 at each input of SPM
® and Micom are useful to prevent improper input signal caused by surge noise.
3. The voltage drop across R3 affects the low side switching performance and the bootstrap characteristics since it is placed between COM and the source terminal of the low side
MOSFET. For this reason, the voltage drop across R3 should be less than 1V in the steady-state.
4. Ground wires and output terminals, should be thick and short in order to avoid surge voltage and malfunction of HVIC.
5. All the filter capacitors shoud be connected close to SPM®, and they should have good characteristics for rejecting high-frequency ripple current.
Figure 10. Example of Application Circuit
COM
VCC
LIN
HIN
VB
HO
VS
LO
COM
VCC
LIN
HIN
VB
HO
VS
LO
COM
VCC
LIN
HIN
VB
HO
VS
LO
(1 ) COM
(2 ) VB(U)
(3 ) VCC(U)
(4 ) IN(UH)
(5 ) IN(UL)
(6 ) N.C
(7 ) VB(V)
(8 ) VCC(V)
(9 ) IN(VH)
(10 ) IN(VL)
(11 ) VTS
(12 ) VB(W)
(13 ) VCC(W)
(14 ) IN(WH)
(15 ) IN(WL)
(16 ) N.C
(17 ) P
(18 ) U , VS(U)
(19 ) NU
(22 ) NW
C1
15- V
Supply
C3
VDC
C2
R3
R4
C6
R5
C5
For current sensing and protection
VTS
(21 ) V , VS(V)
(20 ) NV
(23) W , VS(W)
C
4
M


Numéro de pièce similaire - FSB50450A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSB50450A FAIRCHILD-FSB50450A Datasheet
4Mb / 28P
   Motion SPM 5 Series Version 2 User?셲 Guide
logo
ON Semiconductor
FSB50450A ONSEMI-FSB50450A Datasheet
882Kb / 14P
   Motion SPM 5 Series
July 2016 Rev. 1.7
logo
Fairchild Semiconductor
FSB50450AS FAIRCHILD-FSB50450AS Datasheet
611Kb / 10P
   FSB50450AS Motion SPM짰 5 Series
logo
ON Semiconductor
FSB50450AS ONSEMI-FSB50450AS Datasheet
882Kb / 14P
   Motion SPM 5 Series
July 2016 Rev. 1.7
FSB50450AT ONSEMI-FSB50450AT Datasheet
882Kb / 14P
   Motion SPM 5 Series
July 2016 Rev. 1.7
More results

Description similaire - FSB50450A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSB50250 FAIRCHILD-FSB50250_07 Datasheet
317Kb / 8P
   Smart Power Module (SPM짰)
FSB50325S FAIRCHILD-FSB50325S_07 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50250AB FAIRCHILD-FSB50250AB Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50250A FAIRCHILD-FSB50250A Datasheet
1Mb / 10P
   Smart Power Module(SPM짰)
FSB50450UD FAIRCHILD-FSB50450UD Datasheet
864Kb / 9P
   Smart Power Module (SPM짰)
FSB50325T FAIRCHILD-FSB50325T_07 Datasheet
283Kb / 8P
   Smart Power Module (SPM짰)
FSB50550U FAIRCHILD-FSB50550U Datasheet
349Kb / 8P
   Smart Power Module (SPM짰)
FSB50450S_0705 FAIRCHILD-FSB50450S_0705 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50550US FAIRCHILD-FSB50550US Datasheet
304Kb / 8P
   Smart Power Module (SPM짰)
FSB50325A FAIRCHILD-FSB50325A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com