Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

740331-000 Datasheet(Fiches technique) 5 Page - Tyco Electronics

Numéro de pièce 740331-000
Description  RAYCHEM Tubing Products
Télécharger  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

740331-000 Datasheet(HTML) 5 Page - Tyco Electronics

  740331-000 Datenblatt HTML 1Page - Tyco Electronics 740331-000 Datenblatt HTML 2Page - Tyco Electronics 740331-000 Datenblatt HTML 3Page - Tyco Electronics 740331-000 Datenblatt HTML 4Page - Tyco Electronics 740331-000 Datasheet HTML 5Page - Tyco Electronics 740331-000 Datenblatt HTML 6Page - Tyco Electronics 740331-000 Datenblatt HTML 7Page - Tyco Electronics 740331-000 Datenblatt HTML 8Page - Tyco Electronics 740331-000 Datenblatt HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
2-5
9-1773447-9
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
RAYCHEM Tubing Products
2
ThermoGun HG
Medium Duty Heating Tool
Product Facts
I
Stand-mounted or
handheld, rugged unit for
heavy-duty use
I
Built-in stand and turbo-fan-
driven blower
I
Adjustable side vents
I
Adjustable temperature
I
1680 to 2160 watts
I
Large reflector size
I
High heat output for fast
installation
Specifications
Applications
Used for installing molded
parts onto adapters or
harnesses and installing
a broad range of heat-
shrinkable products, includ-
ing boots and tubing up to
three inches in diameter.
Available in:
Americas
Europe
Asia Pacific
II
Model
Power Requirements
Input Watts
Temperature Range
CFM*
RPM**
HG-501A
120 V, 60 Hz, 14 A
1680
260C?399C [500F?750F]
23
1700
HG-502A
230 V, 50/60 Hz, 7 A
1680
260C?399C [500F?750F]
23
1700
HG-751A-C
120 V, 60 Hz, 18 A
2160
399C?538C [750F?1000F]
23
1700
HG-752A
230 V, 50/60 Hz, 9 A
1740
399C?538C [750F?1000F]
23
1700
*CFM = Cubic feet per minute.
**RPM = Revolutions per minute.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn