Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

740331-000 Datasheet(Fiches technique) 3 Page - Tyco Electronics

Numéro de pièce 740331-000
Description  RAYCHEM Tubing Products
Télécharger  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

740331-000 Datasheet(HTML) 3 Page - Tyco Electronics

  740331-000 Datenblatt HTML 1Page - Tyco Electronics 740331-000 Datenblatt HTML 2Page - Tyco Electronics 740331-000 Datasheet HTML 3Page - Tyco Electronics 740331-000 Datenblatt HTML 4Page - Tyco Electronics 740331-000 Datenblatt HTML 5Page - Tyco Electronics 740331-000 Datenblatt HTML 6Page - Tyco Electronics 740331-000 Datenblatt HTML 7Page - Tyco Electronics 740331-000 Datenblatt HTML 8Page - Tyco Electronics 740331-000 Datenblatt HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2-3
9-1773447-9
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
RAYCHEM Tubing Products
2
HL1910E/HL2010E
Light Duty Heating Tool
Product Facts
I
Light duty, portable hot air
heater
The HL2010E tool is
switched on and off at the
three-stage switch and the
temperature can be contin-
uously adjusted over a
range of 50C-630C by the
pushbuttons. The tempera-
ture can be increased or
reduced by 10C steps. An
LCD display shows the
actual temperature.
The HL1910E tool is
switched on and off at the
two-stage switch and the
temperature can be contin-
uously adjusted over a
range of 50C-600C at the
thumbwheel (the numbers
on it serve as guide only,
1 means 50C and max.
temperature of 600C is
attained at 9).
A bench stand allowing use
of both the HL2010E and
the HL1910E as a bench
tool is available as an
option. Only two reflectors
are required to cover most
applications of heat-shrink-
able tubing and SolderSleeve
terminations.
There is an adaptor avail-
able, which allows the use
of PR type reflectors.
The HL2010E and HL1910E
hot air heat guns are
designed to work with a
standard line voltage
(120V) on a wide variety of
Raychem heat-shrinkable
products. These tools are
suitable for occasional use
and are not recommended
for applications requiring
high duty cycles. Both tools
supply forced hot air with
an adjustable heat setting
to meet the requirements of
many different installation
situations. A three position
switch controls the air flow
(150/300/500 l/min)
Available in:
Americas
Europe
Asia Pacific
II
I


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn