Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

740331-000 Fiches technique(PDF) 22 Page - Tyco Electronics

No de pièce 740331-000
Description  RAYCHEM Tubing Products
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

740331-000 Fiches technique(HTML) 22 Page - Tyco Electronics

Back Button 740331-000 Datasheet HTML 16Page - Tyco Electronics 740331-000 Datasheet HTML 17Page - Tyco Electronics 740331-000 Datasheet HTML 18Page - Tyco Electronics 740331-000 Datasheet HTML 19Page - Tyco Electronics 740331-000 Datasheet HTML 20Page - Tyco Electronics 740331-000 Datasheet HTML 21Page - Tyco Electronics 740331-000 Datasheet HTML 22Page - Tyco Electronics 740331-000 Datasheet HTML 23Page - Tyco Electronics 740331-000 Datasheet HTML 24Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
2-22
9-1773447-9
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
RAYCHEM Tubing Products
Model 20 (Continued)
Electrical
Power requirements
210-240 VAC, 20A, 1
∅, 50/60 Hz
Heating elements
2 X Standard = 1580W, Wide = 1660W, Narrow = 880W
Drive system
DC gear motor with closed loop motor controller; 3-digit thumbwheel
Air flow (cooling)
2 – 100 CFM fans in the upper heater housing
Operating temperature
Set Point (Heater Surface) - Ambient to 700°C, Through-put = 50° to 200°C
Mechanical
Conveyor belt system
Double sided timing belts; two on each side of the processor –
pitch 9.5 mm [0.375 in]
Belt Speed
Up to 152 cm / min [5.0 ft / min]
Dimensions cm [in]
Processor dimensions
53 cm [21 in] W x 135 cm [53 in] L x 45 cm [18 in] H
Shipping dimensions
66 cm [26 in] W x 147 cm [58 in] L x 58 cm [23 in] H
Processor weight
56 Kg [120 lbs]
Shipping weight
86 Kg [190 lbs]
Tubing sizes
Tubing diameter (max.)
Up to 25 mm [1.0 in]
Tubing length (max.)
Up to 104 mm [4.0 in] stand
Version
Description
Part No.
Model 20 - Standard (3.75 in. Elements)
MODEL20CE-BELT-HEATER
CB8546-000
Optional Attachments
Floor Stand with wheels
IR-1900-FLOOR-STAND
889664-000
Specifications and
Dimensions


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn