Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

740331-000 Fiches technique(PDF) 21 Page - Tyco Electronics

No de pièce 740331-000
Description  RAYCHEM Tubing Products
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

740331-000 Fiches technique(HTML) 21 Page - Tyco Electronics

Back Button 740331-000 Datasheet HTML 16Page - Tyco Electronics 740331-000 Datasheet HTML 17Page - Tyco Electronics 740331-000 Datasheet HTML 18Page - Tyco Electronics 740331-000 Datasheet HTML 19Page - Tyco Electronics 740331-000 Datasheet HTML 20Page - Tyco Electronics 740331-000 Datasheet HTML 21Page - Tyco Electronics 740331-000 Datasheet HTML 22Page - Tyco Electronics 740331-000 Datasheet HTML 23Page - Tyco Electronics 740331-000 Datasheet HTML 24Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
2-21
9-1773447-9
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
RAYCHEM Tubing Products
2
Model 20
Belt Heater for Heat-
Shrinkable Tubing Products
Product Facts
I
Closed-loop speed and
temperature control
I
Continuous controlled
process
I
Adaptable for different
applications
I
CE approved for worldwide use
I
Heater operation and over-
temperature alarm lights
into the upper heating
element connected to a
closed loop temperature
controller. An alarm light
illuminates whenever the
actual heating element
temperature varies from
the set point temperature.
Speed Control
The belt speed is selected
using a 3-digit thumbwheel
(on the front panel) via a
closed-loop motor controller
and DC gear motor.
Minimal Skill Requirements
There are clearly marked
guides for aligning the
assemblies as well as the
tubing or device being
processed. The operator
only has to center the sub-
strate, then align the tubing
and slide the assembly into
the belts. The belts grip
and carry the assemblies
through the heating and
cooling zones, depositing
them into the unloading bin.
Versatility
The processor is designed
to process a broad range of
Raychem heat-shrinkable
products up to 25 mm [1 in]
in diameter and 127 mm [4 in]
in length. The infrared
energy source is well-suited
to efficient processing of
either single wall or adhe-
sive-lined tubing. Temperature
and speed can be con-
trolled to accommodate a
wide variety of products
and substrates.
Safety Features:
• Emergency Stop
• Automatic cool-down cir-
cuit to extend the life of
the components
Applications
The Model 20 conveyor
type processor is a reliable
and versatile process
heater, which provides a
controlled process for a
wide variety of heat-shrink-
able products.
Double-sided timing belts
on either side of the upper
and lower heating cham-
bers draw the assemblies
through a thermally con-
trolled infrared heat zone,
then through a fan-cooled
zone before depositing
them into the unloading bin.
Controlled Heating Zone
The Model 20 processor
has two stamped foil heat-
ing elements that are manu-
factured to a strict wattage
specification. Consistent
temperatures (ambient to
700ºC) are controlled by a
thermocouple embedded
• Over-temperature switch
that shuts off all power in
the event of an overheat
condition
• Lockout on temperature
and speed controllers to
prevent unauthorized
changes
New Features
• Self-locking support post
in the upper heating
chamber for servicing,
maintenance and emer-
gency cool down
• Reversing motor relay
which runs the timing
belts in reverse until the
Set Point temperature has
been reached, preventing
the operator from loading
assemblies into the
machine
• Hinged lower side panels
for access to compo-
nents, making routine
service and maintenance
much easier
Available in:
Americas
Europe
Asia Pacific
II


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn