Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

740331-000 Fiches technique(PDF) 14 Page - Tyco Electronics

No de pièce 740331-000
Description  RAYCHEM Tubing Products
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

740331-000 Fiches technique(HTML) 14 Page - Tyco Electronics

Back Button 740331-000 Datasheet HTML 10Page - Tyco Electronics 740331-000 Datasheet HTML 11Page - Tyco Electronics 740331-000 Datasheet HTML 12Page - Tyco Electronics 740331-000 Datasheet HTML 13Page - Tyco Electronics 740331-000 Datasheet HTML 14Page - Tyco Electronics 740331-000 Datasheet HTML 15Page - Tyco Electronics 740331-000 Datasheet HTML 16Page - Tyco Electronics 740331-000 Datasheet HTML 17Page - Tyco Electronics 740331-000 Datasheet HTML 18Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
2-14
9-1773447-9
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
RAYCHEM Tubing Products
RBK-ILS-Processor MkII (Continued)
Description
Part No.
Equipment
RBK-Proc-Mk2-Processor
740331-000
RBK-Proc-Mk2-Proc-Aircool
A96930-000
Accessories
Stub splice fixture - RBK-ILS-Proc-Stub-Sp-Fix
981721-000
Air cooled stub splice fixture - RBK-ILS-Proc-Air-Cool-Kit
843800-000
8 mm ring terminal fixture - RBK-ILS-Proc-Termfix-08mm
049857-000
Ordering Information
Technical Specifications
Electrical Supply
220V-240V-50Hz
Power Consumption
1.7 Amps (Max)
Operating Temperature
550°C [1022°F] (Max)
(500°C [932°F] recommended)
Machine Cycle Times for splice sealing products
6 to 20 seconds depending on wire size
used on typical range of automotive splices
and the number or wires used
Total System Noise
<80dB
Dimensions
390 x 365 x 225 mm [15 x 14 x 9 in]
Weight
18 Kg [40 lb]
Product Range
RBK-ILS-125 Products
Sizes 1 to 3A
RBK-ILS-85 Products
Sizes 6/1 to 12/3
For Other Raychem Products (eg RBK-VWS, RBK-ESS….)
Contact TE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn