Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

740331-000 Fiches technique(PDF) 7 Page - Tyco Electronics

No de pièce 740331-000
Description  RAYCHEM Tubing Products
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

740331-000 Fiches technique(HTML) 7 Page - Tyco Electronics

Back Button 740331-000 Datasheet HTML 3Page - Tyco Electronics 740331-000 Datasheet HTML 4Page - Tyco Electronics 740331-000 Datasheet HTML 5Page - Tyco Electronics 740331-000 Datasheet HTML 6Page - Tyco Electronics 740331-000 Datasheet HTML 7Page - Tyco Electronics 740331-000 Datasheet HTML 8Page - Tyco Electronics 740331-000 Datasheet HTML 9Page - Tyco Electronics 740331-000 Datasheet HTML 10Page - Tyco Electronics 740331-000 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
2-7
9-1773447-9
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
RAYCHEM Tubing Products
2
CV-1981 and CV-1983
Heavy Duty Hot-Air
Heating Tool
Product Facts
I
Robust, double-insulated,
heavy-duty unit
I
Highest-wattage unit
(1600–2260 watts)
I
Integral stand that allows
use as bench tool
I
Safe, quiet operation
I
Precisely variable
temperature
I
Variety of reflectors
available
I
Easy fixturing for dual
opposing heating
Specifications
Applications
Used for installing dual wall
or single wall tubing up to
three inches in diameter
and for installing
SolderSleeve devices.
Closed loop version (PID)
also available.
Available in:
Americas
Europe
Asia Pacific
II
I
Electrical Supply
CV-1981-MK2
120 V and 230 V
CV-1983
120 V and 230 V
CV-1981 PID
120 V and 230 V
Power Consumption
CV-1981-MK2
1600 W
CV-1983
2260 W/3060 W
CV-1981 PID
1600 W
Total System Noise
CV-1981-MK2
65dB
CV-1983
65dB
CV-1981 PID
>70dB
Length
CV-1981-MK2
340 mm [13.4 in]
CV-1983
320 mm [12.6 in]
CV-1981 PID
350 mm [13.8 in]
Weight
CV-1981-MK2
1.3 Kg [2.90 lb]
CV-1983
1.5 Kg [3.30 lb]
CV-1981 PID
1.4 Kg [3.10 lb]
Air Flow
CV-1981-MK2
Max 230 l/min
CV-1983
Max 500 l/min
CV-1981 PID
230 l/min
Product Range
All dual wall, single wall and molded part products.
Various devices products.
For other Raychem products , contact TE.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn