Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FFP30S60S Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FFP30S60S
Description  30A, 600V STEALTHTM II Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFP30S60S Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FFP30S60S_12 Datasheet HTML 1Page - Fairchild Semiconductor FFP30S60S_12 Datasheet HTML 2Page - Fairchild Semiconductor FFP30S60S_12 Datasheet HTML 3Page - Fairchild Semiconductor FFP30S60S_12 Datasheet HTML 4Page - Fairchild Semiconductor FFP30S60S_12 Datasheet HTML 5Page - Fairchild Semiconductor FFP30S60S_12 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FFP30S60S Rev.C0
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. Typical Forward Voltage Drop
Figure 2. Typical Reverse Current
vs. Forward Current
vs. Reverse Voltage
Figure 3. Typical Junction Capacitance
Figure 4. Typical Reverse Recovery Time
vs. di/dt
Figure 5. Typical Reverse Recovery
Figure 6. Forward Current Derating Curve
Current vs. di/dt
012345
1
10
100
75
o
C
T
C = 125
o
C
Forward Voltage, V
F
[V]
25
o
C
200
100
200
300
400
500
600
0.01
0.1
1
10
100
1000
T
C = 125
o
C
T
C = 25
o
C
T
C = 75
o
C
Reverse Voltage, V
R [V]
10
0.1
1
10
100
0
70
140
210
280
350
Typical Capacitance
at 0V = 271 pF
Reverse Voltage, V
R
[V]
100
150
200
250
300
20
40
60
80
100
T
C = 75
o
C
T
C = 25
o
C
T
C = 125
o
C
di/dt [A/µs]
25
50
75
100
125
150
0
10
20
30
40
50
60
70
Case temperature, T
C
[
o
C]
100
150
200
250
300
0
2
4
6
8
10
T
C = 125
o
C
T
C = 25
o
C
T
C = 75
o
C
di/dt [A/µs]


Numéro de pièce similaire - FFP30S60S_12

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FFP30S60STU FAIRCHILD-FFP30S60STU Datasheet
238Kb / 5P
   STEALTH II Rectifier
logo
Thinki Semiconductor Co...
FFP30S60STU THINKISEMI-FFP30S60STU Datasheet
2Mb / 4P
   ThinkiSemi 30Amperes,600Volts SwitchMode Ultrafast Recovery Epitaxial Diode
More results

Description similaire - FFP30S60S_12

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FFP08S60S FAIRCHILD-FFP08S60S_07 Datasheet
139Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF15S60S FAIRCHILD-FFPF15S60S Datasheet
241Kb / 5P
   15A, 600V STEALTHTM II Rectifier
FFPF08S60ST FAIRCHILD-FFPF08S60ST_12 Datasheet
294Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF60SB60DS FAIRCHILD-FFPF60SB60DS Datasheet
264Kb / 5P
   4A, 600V STEALTHTM II Rectifier
FFP08S60SN FAIRCHILD-FFP08S60SN Datasheet
281Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF04S60S FAIRCHILD-FFPF04S60S Datasheet
238Kb / 5P
   4A, 600V STEALTHTM II Rectifier
FFPF08S60SN FAIRCHILD-FFPF08S60SN Datasheet
153Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFD08S60S FAIRCHILD-FFD08S60S Datasheet
498Kb / 5P
   STEALTHTM II Rectifier 8A, 600V Stealth2 Rectifier
FFPF60SA60DS FAIRCHILD-FFPF60SA60DS Datasheet
75Kb / 5P
   StealthTM Rectifier
ISL9R3060G_F085 FAIRCHILD-ISL9R3060G_F085 Datasheet
510Kb / 6P
   30A, 600V Stealth Rectifier
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com