Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCX016AL Fiches technique(PDF) 10 Page - Sony Corporation

No de pièce LCX016AL
Description  3.3cm (1.3-inch) Black-and-White LCD Panel
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX016AL Fiches technique(HTML) 10 Page - Sony Corporation

Back Button LCX016AL Datasheet HTML 6Page - Sony Corporation LCX016AL Datasheet HTML 7Page - Sony Corporation LCX016AL Datasheet HTML 8Page - Sony Corporation LCX016AL Datasheet HTML 9Page - Sony Corporation LCX016AL Datasheet HTML 10Page - Sony Corporation LCX016AL Datasheet HTML 11Page - Sony Corporation LCX016AL Datasheet HTML 12Page - Sony Corporation LCX016AL Datasheet HTML 13Page - Sony Corporation LCX016AL Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
– 10 –
LCX016AL
Reflection Preventive Processing
When a phase substrate which rotates the polarization axis is used to adjust to the polarization direction of a
polarization screen or prism, use a phase substrate with reflection preventive processing on the surface. This
prevents characteristic deterioration caused by luminous reflection.
Electro-optical Characteristics
(Macintosh17 mode)
Item
Contrast ratio
25°C
25°C
25°C
60°C
25°C
60°C
25°C
60°C
0°C
25°C
0°C
25°C
60°C
25°C
25°C
CR
T
RV90-25
GV90-25
BV90-25
RV90-60
GV90-60
BV90-60
RV50-25
GV50-25
BV50-25
RV50-60
GV50-60
BV50-60
RV10-25
GV10-25
BV10-25
RV10-60
GV10-60
BV10-60
ton0
ton25
toff0
toff25
F
YT60
CTK
100
17
1.0
1.1
1.2
1.0
1.0
1.1
1.4
1.5
1.6
1.4
1.4
1.5
1.9
2.0
2.1
1.9
1.9
1.9
200
20
1.3
1.5
1.6
1.3
1.4
1.5
1.7
1.8
1.9
1.6
1.7
1.8
2.2
2.3
2.4
2.1
2.2
2.3
30
12
100
30
–65
1.7
1.9
2.0
1.6
1.7
1.9
2.0
2.1
2.2
1.9
2.0
2.1
2.5
2.6
2.7
2.4
2.5
2.6
80
40
200
70
–40
0
5
1
2
3
4
5
6
7
%
V
ms
dB
s
%
Optical transmittance
V-T
characteristics
V90
V50
ON time
OFF time
V10
Response time
Flicker
Image retention time
Cross talk
Symbol
Measurement method
Min.
Typ.
Max.
Unit


Numéro de pièce similaire - LCX016AL

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
More results

Description similaire - LCX016AL

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX023CMT SONY-LCX023CMT Datasheet
359Kb / 26P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX012BL SONY-LCX012BL Datasheet
381Kb / 21P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX028BMT SONY-LCX028BMT Datasheet
328Kb / 26P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX007CN SONY-LCX007CN Datasheet
611Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX028ALT SONY-LCX028ALT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com