Moteur de recherche de fiches techniques de composants électroniques |
|
LCX005BK Fiches technique(PDF) 6 Page - Sony Corporation |
|
LCX005BK Fiches technique(HTML) 6 Page - Sony Corporation |
6 / 22 page – 6 – LCX005BK Input Signals 1. Input signal voltage conditions (VSS = 0V) Item H driver input voltage (HST, HCK1, HCK2, RGT) (Low) (High) (Low) (High) VHIL VHIH VVIL VVIH VVC Vsig VCOM –0.35 2.8 –0.35 2.8 5.8 VVC – 4.5 VVC – 0.55 0.0 5.0 0.0 5.0 6.0 VVC – 0.40 +0.35 5.5 +0.35 5.5 6.2 VVC + 4.5 VVC – 0.25 V V V V V V V V driver input voltage (VST, VCK1, VCK2, CLR, EN) Video signal center voltage Video signal input range∗1 Common voltage of panel Symbol Min. Typ. Max. Unit ∗1 Video input signal shall be symmetrical to VVC. 2. Clock timing conditions (Ta = 25°C, Input voltage = 5.0V) Hst rise time Hst fall time Hst data set-up time Hst data hold time Hckn∗2 rise time Hckn∗2 fall time Hck1 fall to Hck2 rise time Hck1 rise to Hck2 fall time Clr rise time Clr fall time Clr pulse width Clr fall to Hst rise time Vst rise time Vst fall time Vst data set-up time Vst data hold time Vckn∗2 rise time Vckn∗2 fall time Vck1 fall to Vck2 rise time Vck1 rise to Vck2 fall time En rise time En fall time Vck2 rise to En fall time Vck1 rise to En rise time trHst tfHst tdHst thHst trHckn tfHckn to1Hck to2Hck trClr tfClr twClr toHst trVst tfVst tdVst thVst trVckn tfVckn to1Vck to2Vck trEn tfEn tdVck2 tdVck1 –170 –455 –15 –15 3400 1100 –50 –50 –100 –100 –100 –100 135 –135 0 0 3500 1200 32 –32 0 0 0 0 100 100 170 –50 100 100 15 15 100 100 3600 1300 100 100 50 –20 100 100 100 100 100 100 100 100 ns µs ns Item Symbol Min. Typ. Max. Unit HST HCK CLR VST VCK EN ∗2 Hckn and Vckn mean Hck1, Hck2 and Vck1, Vck2. (fHckn = 1.84MHz, fVckn = 7.865kHz) |
Numéro de pièce similaire - LCX005BK |
|
Description similaire - LCX005BK |