Moteur de recherche de fiches techniques de composants électroniques |
|
74476403 Fiches technique(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
74476403 Fiches technique(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
1 / 1 page Bezeichnung : description : Typ / Type M A 2,9 ± 0,2 mm B 3,2 ± 0,4 mm C 2,2 ± 0,2 mm D 0,6 ref. mm E 2,5 ± 0,2 mm F 1,0 mm @@FRM 1@@ Eigenschaften / properties Wert / value Einheit / unit tol. Induktivität / inductance Güte Q / Q factor DC-Widerstand / DC-resistance Nennstrom / rated current Eigenres.-Frequenz / self-res.-fequency 33% +20°C Ferrit / ferrite Betriebstemp. / operating temperature: -40°C - + 105°C Umgebungstemp. / ambient temperature: -40°C - + 85°C It is recommended that the temperature of the part does not exceed 105°C under worst case operating conditions. MST Version 4 04-10-11 SST Version 3 03-05-20 MST Version 2 02-03-27 JH Version 1 00-12-06 Name Änderung / modification Datum / date 7,96 MHz 7,96 MHz typ. RDC min. L max. .......................................................................... .................................................................................. .................................................................................. Würth Elektronik HP 4291 B für/for L und/and Q HP 4338 B für/for RDC HP 4284 A für/for IDC 260 Q 30 IDC D Prüfgeräte / test equipment : 1,20 ±10% 3,30 Ω µH A Mechanische Abmessungen / dimensions : Kunde / customer : 74476403 SMD-HF-Entstördrossel WE-GF SMD-RF-Choke WE-GF Artikelnummer / part number: Würth Elektronik eiSos GmbH & Co. KG D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400 Geprüft / checked 60 SRF MHz Basismaterial / base material: HP 8722 D für/for SRF http://www.we-online.com Spezifikation für Freigabe / specification for release DATUM / DATE : 2004-10-11 max. mA Datum / date .......................................................................... Unterschrift / signature Kontrolliert / approved Testbedingungen / test conditions F Werkstoffe & Zulassungen / material & approvals : Anschlusspad/ Terminal Gehäuse/ Housing Cu/Sn UL94-V0 Kunde / customer Freigabe erteilt / general release: C Lötpad / soldering spec.: B Elektrische Eigenschaften / electrical properties : E Testbedingungen / test conditions : Luftfeuchtigkeit / humidity: Umgebungstemperatur / temperature: G Eigenschaften / general specifications : A B D D E F [mm] 1,2 2,0 1,2 RoHS compliant LF This electronic component is designed and developed with the intention for use in general electronics equipments. Before incorporating the components into any equipments in the field such as aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network where higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body. In addition, even electronic component in general electro equipments, when used in electrical circuits that require high safety, reliability functions or performance, the sufficient reliability evaluation-check for the safety must be performed before use. It is essential to give consideration when to install a protective circuit at the design stage. SEITE 1 VON 1 |
Numéro de pièce similaire - 74476403 |
|
Description similaire - 74476403 |