Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD4N60NZ Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce FDD4N60NZ
Description  N-Channel MOSFET 600V, 3.4A, 2.5
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD4N60NZ Fiches technique(HTML) 6 Page - Fairchild Semiconductor

  FDD4N60NZ_12 Datasheet HTML 1Page - Fairchild Semiconductor FDD4N60NZ_12 Datasheet HTML 2Page - Fairchild Semiconductor FDD4N60NZ_12 Datasheet HTML 3Page - Fairchild Semiconductor FDD4N60NZ_12 Datasheet HTML 4Page - Fairchild Semiconductor FDD4N60NZ_12 Datasheet HTML 5Page - Fairchild Semiconductor FDD4N60NZ_12 Datasheet HTML 6Page - Fairchild Semiconductor FDD4N60NZ_12 Datasheet HTML 7Page - Fairchild Semiconductor FDD4N60NZ_12 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FDD4N60NZ Rev.C0
www.fairchildsemi.com
6
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
V
DS
+
_
Driver
R
G
Same Type
as DUT
V
GS
• dv/dt controlled by R
G
• I
SD controlled by pulse period
VDD
L
I SD
10V
V
GS
( Driver )
I
SD
( DUT )
VDS
( DUT )
V
DD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
I
RM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
DUT
V
DS
+
_
Driver
R
G
Same Type
as DUT
V
GS
• dv/dt controlled by R
G
• I
SD controlled by pulse period
VDD
L
L
I SD
10V
V
GS
( Driver )
I
SD
( DUT )
VDS
( DUT )
V
DD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
I
RM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
D =
Gate Pulse Width
Gate Pulse Period
--------------------------


Numéro de pièce similaire - FDD4N60NZ_12

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD4N60NZ FAIRCHILD-FDD4N60NZ Datasheet
321Kb / 8P
   FDD4N60NZ N-Channel UniFETTM II MOSFET 600 V, 3.4 A, 2.5 ?
logo
Inchange Semiconductor ...
FDD4N60NZ ISC-FDD4N60NZ Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com